công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

16F1825 bảng dữ liệu(PDF) 228 Page - Microchip Technology

tên linh kiện 16F1825
Giải thích chi tiết về linh kiện  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F1825 bảng dữ liệu(HTML) 228 Page - Microchip Technology

Back Button 16F1825 Datasheet HTML 224Page - Microchip Technology 16F1825 Datasheet HTML 225Page - Microchip Technology 16F1825 Datasheet HTML 226Page - Microchip Technology 16F1825 Datasheet HTML 227Page - Microchip Technology 16F1825 Datasheet HTML 228Page - Microchip Technology 16F1825 Datasheet HTML 229Page - Microchip Technology 16F1825 Datasheet HTML 230Page - Microchip Technology 16F1825 Datasheet HTML 231Page - Microchip Technology 16F1825 Datasheet HTML 232Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 420 page
background image
PIC16F/LF1825/1829
DS41440A-page 230
Preliminary
 2010 Microchip Technology Inc.
24.4.2
FULL-BRIDGE MODE
In Full-Bridge mode, all four pins are used as outputs.
An example of Full-Bridge application is shown in
Figure 24-10.
In the Forward mode, pin CCPx/PxA is driven to its active
state, pin PxD is modulated, while PxB and PxC will be
driven to their inactive state as shown in Figure 24-11.
In the Reverse mode, PxC is driven to its active state, pin
PxB is modulated, while PxA and PxD will be driven to
their inactive state as shown Figure 24-11.
PxA, PxB, PxC and PxD outputs are multiplexed with
the PORT data latches. The associated TRIS bits must
be cleared to configure the PxA, PxB, PxC and PxD
pins as outputs.
FIGURE 24-10:
EXAMPLE OF FULL-BRIDGE APPLICATION
PxA
PxC
FET
Driver
FET
Driver
V+
V-
Load
FET
Driver
FET
Driver
PxB
PxD
QA
QB
QD
QC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More