công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC24FJ64GA104T-E/SS bảng dữ liệu(PDF) 229 Page - Microchip Technology

tên linh kiện PIC24FJ64GA104T-E/SS
Giải thích chi tiết về linh kiện  28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA104T-E/SS bảng dữ liệu(HTML) 229 Page - Microchip Technology

Back Button PIC24FJ64GA104T-E/SS Datasheet HTML 225Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 226Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 227Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 228Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 229Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 230Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 231Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 232Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 233Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 308 page
background image
 2010 Microchip Technology Inc.
DS39951C-page 229
PIC24FJ64GA104 FAMILY
22.0 TRIPLE COMPARATOR
MODULE
The triple comparator module provides three dual input
comparators. The inputs to the comparator can be con-
figured to use any one of four external analog inputs, as
well as voltage reference inputs from the voltage
reference generator and band gap reference.
The comparator outputs may be directly connected to
the CxOUT pins. When the respective COE equals ‘1’,
the I/O pad logic makes the unsynchronized output of
the comparator available on the pin.
A simplified block diagram of the module in shown in
Figure 22-1. Diagrams of the possible individual
comparator configurations are shown in Figure 22-2.
Each comparator has its own control register,
CMxCON (Register 22-1), for enabling and configuring
its operation. The output and event status of all three
comparators are provided in the CMSTAT register
(Register 22-2).
FIGURE 22-1:
TRIPLE COMPARATOR MODULE BLOCK DIAGRAM
Note:
This data sheet summarizes the features
of this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information, refer to the
associated “PIC24F Family Reference
Manual”,
Section
46.
“Scalable
Comparator Module” (DS39734)
C1
VIN-
VIN+
CXINB
CXINC
CXINA
CXIND
CVREF+
CVREF-
C2
VIN-
VIN+
C3
VIN-
VIN+
COE
C1OUT
Pin
CPOL
Trigger/Interrupt
Logic
CEVT
EVPOL<1:0>
COUT
Input
Select
Logic
CCH<1:0>
CREF
COE
C2OUT
Pin
CPOL
Trigger/Interrupt
Logic
CEVT
EVPOL<1:0>
COUT
COE
C3OUT
Pin
CPOL
Trigger/Interrupt
Logic
CEVT
EVPOL<1:0>
COUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com