công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC24FJ64GA102T-E/SS bảng dữ liệu(PDF) 172 Page - Microchip Technology

tên linh kiện PIC24FJ64GA102T-E/SS
Giải thích chi tiết về linh kiện  28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA102T-E/SS bảng dữ liệu(HTML) 172 Page - Microchip Technology

Back Button PIC24FJ64GA102T-E/SS Datasheet HTML 168Page - Microchip Technology PIC24FJ64GA102T-E/SS Datasheet HTML 169Page - Microchip Technology PIC24FJ64GA102T-E/SS Datasheet HTML 170Page - Microchip Technology PIC24FJ64GA102T-E/SS Datasheet HTML 171Page - Microchip Technology PIC24FJ64GA102T-E/SS Datasheet HTML 172Page - Microchip Technology PIC24FJ64GA102T-E/SS Datasheet HTML 173Page - Microchip Technology PIC24FJ64GA102T-E/SS Datasheet HTML 174Page - Microchip Technology PIC24FJ64GA102T-E/SS Datasheet HTML 175Page - Microchip Technology PIC24FJ64GA102T-E/SS Datasheet HTML 176Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 308 page
background image
PIC24FJ64GA104 FAMILY
DS39951C-page 172
 2010 Microchip Technology Inc.
FIGURE 15-3:
SPI MASTER/SLAVE CONNECTION (STANDARD MODE)
FIGURE 15-4:
SPI MASTER/SLAVE CONNECTION (ENHANCED BUFFER MODES)
Serial Receive Buffer
(SPIxRXB)
Shift Register
(SPIxSR)
LSb
MSb
SDIx
SDOx
PROCESSOR 2 (SPI Slave)
SCKx
SSx(1)
Serial Transmit Buffer
(SPIxTXB)
Serial Receive Buffer
(SPIxRXB)
Shift Register
(SPIxSR)
MSb
LSb
SDOx
SDIx
PROCESSOR 1 (SPI Master)
Serial Clock
SSEN (SPIxCON1<7>) = 1 and MSTEN (SPIxCON1<5>) = 0
Note
1:
Using the SSx pin in Slave mode of operation is optional.
2:
User must write transmit data to read received data from SPIxBUF. The SPIxTXB and SPIxRXB registers are memory
mapped to SPIxBUF.
SCKx
Serial Transmit Buffer
(SPIxTXB)
MSTEN (SPIxCON1<5>) = 1)
SPIx Buffer
(SPIxBUF)(2)
SPIx Buffer
(SPIxBUF)(2)
Shift Register
(SPIxSR)
LSb
MSb
SDIx
SDOx
PROCESSOR 2 (SPI Enhanced Buffer Slave)
SCKx
SSx(1)
Shift Register
(SPIxSR)
MSb
LSb
SDOx
SDIx
PROCESSOR 1 (SPI Enhanced Buffer Master)
Serial Clock
SSEN (SPIxCON1<7>) = 1,
Note
1:
Using the SSx pin in Slave mode of operation is optional.
2:
User must write transmit data to read received data from SPIxBUF. The SPIxTXB and SPIxRXB registers are memory
mapped to SPIxBUF.
SSx
SCKx
8-Level FIFO Buffer
MSTEN (SPIxCON1<5>) = 1 and
SPIx Buffer
(SPIxBUF)(2)
8-Level FIFO Buffer
SPIx Buffer
(SPIxBUF)(2)
SPIBEN (SPIxCON2<0>) = 1
MSTEN (SPIxCON1<5>) = 0 and
SPIBEN (SPIxCON2<0>) = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More