| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16LF720-I/SS bảng dữ liệu(PDF) 148 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LF720-I/SS bảng dữ liệu(HTML) 148 Page - Microchip Technology |
|
148 / 244 page ![]() PIC16F/LF720/721 DS41430A-page 148 2010 Microchip Technology Inc. TABLE 17-1: SUMMARY OF REGISTERS ASSOCIATED WITH SPI OPERATION Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets ANSELC ANSC7 ANSC6 — — ANSC3 ANSC2 ANSC1 ANSC0 11-- 1111 11-- 1111 INTCON GIE PEIE TMR0IE INTE RABIE TMR0IF INTF RABIF 0000 000x 0000 000x PIE1 TMR1GIE ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 0000 0000 0000 0000 PIR1 TMR1GIF ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 0000 0000 0000 0000 PR2 Timer2 module Period Register 1111 1111 1111 1111 SSPBUF Synchronous Serial Port Receive Buffer/Transmit Register xxxx xxxx uuuu uuuu SSPCON WCOL SSPOV SSPEN CKP SSPM3 SSPM2 SSPM1 SSPM0 0000 0000 0000 0000 SSPSTAT SMP CKE D/A P S R/W UA BF 0000 0000 0000 0000 TRISB TRISB7 TRISB6 TRISB5 TRISB4 — — — — 1111 ---- 1111 ---- TRISC TRISC7 TRISC6 TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 1111 1111 1111 1111 T2CON — TOUTPS3 TOUTPS2 TOUTPS1 TOUTPS0 TMR2ON T2CKPS1 T2CKPS0 -000 0000 -000 0000 Legend: x = unknown, u = unchanged, – = unimplemented, read as ‘0’. Shaded cells are not used by the SSP in SPI mode. |