| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16LF720-E/ML bảng dữ liệu(PDF) 142 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LF720-E/ML bảng dữ liệu(HTML) 142 Page - Microchip Technology |
|
142 / 244 page ![]() PIC16F/LF720/721 DS41430A-page 142 2010 Microchip Technology Inc. FIGURE 17-3: SPI MASTER MODE WAVEFORM EXAMPLE 17-1: LOADING THE SSPBUF (SSPSR) REGISTER SCK (CKP = 0 SCK (CKP = 1 SCK (CKP = 0 SCK (CKP = 1 4 Clock Modes Input Sample Input Sample SDI bit 7 bit 0 SDO bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 bit 7 bit 0 SDI SSPIF (SMP = 1) (SMP = 0) (SMP = 1) CKE = 1) CKE = 0) CKE = 1) CKE = 0) (SMP = 0) Write to SSPBUF SSPSR to SSPBUF SDO bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 (CKE = 0) (CKE = 1) BANKSEL SSPSTAT ; LOOP BTFSS SSPSTAT, BF ;Has data been received(transmit complete)? GOTO LOOP ;No BANKSEL SSPBUF ; MOVF SSPBUF, W ;WREG reg = contents of SSPBUF MOVWF RXDATA ;Save in user RAM, if data is meaningful MOVF TXDATA, W ;W reg = contents of TXDATA MOVWF SSPBUF ;New data to xmit |