công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16LF720-E/ML bảng dữ liệu(PDF) 225 Page - Microchip Technology

tên linh kiện PIC16LF720-E/ML
Giải thích chi tiết về linh kiện  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-E/ML bảng dữ liệu(HTML) 225 Page - Microchip Technology

Back Button PIC16LF720-E/ML Datasheet HTML 221Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 222Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 223Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 224Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 225Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 226Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 227Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 228Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 229Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 244 page
background image
 2010 Microchip Technology Inc.
DS41430A-page 225
PIC16F/LF720/721
25.0
PACKAGING INFORMATION
25.1
Package Marking Information
*
Standard PICmicro® device marking consists of Microchip part number, year code, week code and
traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check
with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP
price.
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
20-Lead PDIP
XXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXX
YYWWNNN
Example
PIC16F721
0810017
-I/P
3
e
XXXXXXXXXX
20-Lead QFN 4x4
XXXXXXXXXX
XXXXXXXXXX
YYWWNNN
Example
PIC16F721
-I/ML
0810017
20-Lead SOIC
XXXXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXXXX
YYWWNNN
Example
0810017
-I/SO
3
e
PIC16F720
20-Lead SSOP
XXXXXXXXXXXX
XXXXXXXXXXXX
YYWWNNN
Example
PIC16F720
0810017
-I/SS
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More