công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1829-E/ST bảng dữ liệu(PDF) 381 Page - Microchip Technology

tên linh kiện PIC16F1829-E/ST
Giải thích chi tiết về linh kiện  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-E/ST bảng dữ liệu(HTML) 381 Page - Microchip Technology

Back Button PIC16F1829-E/ST Datasheet HTML 377Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 378Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 379Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 380Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 381Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 382Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 383Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 384Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 385Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 420 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41440A-page 383
PIC16F/LF1825/1829
TABLE 30-16: I2C™ BUS DATA REQUIREMENTS
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Conditions
SP100* THIGH
Clock high time
100 kHz mode
4.0
—
s
Device must operate at a
minimum of 1.5 MHz
400 kHz mode
0.6
—
s
Device must operate at a
minimum of 10 MHz
SSPx module
1.5TCY
——
SP101* TLOW
Clock low time
100 kHz mode
4.7
—
s
Device must operate at a
minimum of 1.5 MHz
400 kHz mode
1.3
—
s
Device must operate at a
minimum of 10 MHz
SSPx module
1.5TCY
——
SP102* TR
SDAx and SCLx
rise time
100 kHz mode
—
1000
ns
400 kHz mode
20 + 0.1CB
300
ns
CB is specified to be from
10-400 pF
SP103* TF
SDAx and SCLx fall
time
100 kHz mode
—
250
ns
400 kHz mode
20 + 0.1CB
250
ns
CB is specified to be from
10-400 pF
SP106* THD:DAT
Data input hold time 100 kHz mode
0
—
ns
400 kHz mode
0
0.9
s
SP107* TSU:DAT
Data input setup
time
100 kHz mode
250
—
ns
(Note 2)
400 kHz mode
100
—
ns
SP109* TAA
Output valid from
clock
100 kHz mode
—
3500
ns
(Note 1)
400 kHz mode
—
—
ns
SP110* TBUF
Bus free time
100 kHz mode
4.7
—
s
Time the bus must be free
before a new transmission
can start
400 kHz mode
1.3
—
s
SP111
CB
Bus capacitive loading
—
400
pF
* These parameters are characterized but not tested.
Note 1: As a transmitter, the device must provide this internal minimum delay time to bridge the undefined region
(min. 300 ns) of the falling edge of SCLx to avoid unintended generation of Start or Stop conditions.
2: A Fast mode (400 kHz) I2C™ bus device can be used in a Standard mode (100 kHz) I2C bus system, but
the requirement TSU:DAT
250 ns must then be met. This will automatically be the case if the device does
not stretch the low period of the SCLx signal. If such a device does stretch the low period of the SCLx sig-
nal, it must output the next data bit to the SDAx line TR max. + TSU:DAT = 1000 + 250 = 1250 ns (according
to the Standard mode I2C bus specification), before the SCLx line is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com