công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1829-E/ST bảng dữ liệu(PDF) 354 Page - Microchip Technology

tên linh kiện PIC16F1829-E/ST
Giải thích chi tiết về linh kiện  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-E/ST bảng dữ liệu(HTML) 354 Page - Microchip Technology

Back Button PIC16F1829-E/ST Datasheet HTML 350Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 351Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 352Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 353Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 354Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 355Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 356Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 357Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 358Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 420 page
background image
PIC16F/LF1825/1829
DS41440A-page 356
Preliminary
 2010 Microchip Technology Inc.
30.1
DC Characteristics: PIC16F/LF1825/1829-I/E (Industrial, Extended)
PIC16LF1825/1829
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
PIC16F1825/1829
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param.
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
D001
VDD
Supply Voltage
PIC16LF1825/1829
1.8
2.3
—
—
3.6
3.6
V
V
FOSC
 16 MHz:
FOSC
 32 MHz (NOTE 2)
D001
PIC16F1825/1829
1.8
2.3
—
—
5.5
5.5
V
V
FOSC
 16 MHz:
FOSC
 32 MHz (NOTE 2)
D002*
VDR
RAM Data Retention Voltage(1)
PIC16LF1825/1829
1.5
—
—
V
Device in Sleep mode
D002*
PIC16F1825/1829
1.7
—
—
V
Device in Sleep mode
VPOR*
Power-on Reset Release Voltage
—1.6
—
V
VPORR*
Power-on Reset Rearm Voltage
PIC16LF1825/1829
—
0.8
—
V
Device in Sleep mode
PIC16F1825/1829
—
1.7
—
V
Device in Sleep mode
D003
VADFVR
Fixed Voltage Reference Voltage for
ADC, Initial Accuracy
-7
-8
-7
-8
-7
-8
—
—
—
—
—
—
6
6
6
6
6
6
%
1.024V, VDD
 2.5V, 85°C (NOTE 3)
1.024V, VDD
 2.5V, 125°C (NOTE 3)
2.048V, VDD
 2.5V, 85°C
2.048V, VDD
 2.5V, 125°C
4.096V, VDD
 4.75V, 85°C
4.096V, VDD
 4.75V, 125°C
D003A
VCDAFVR
Fixed Voltage Reference Voltage for
Comparator and DAC, Initial Accu-
racy
-11
-11
-11
-11
-11
-11
—
—
—
—
—
—
7
7
7
7
7
7
%
1.024V, VDD
 2.5V, 85°C
1.024V, VDD
 2.5V, 125°C
2.048V, VDD
 2.5V, 85°C
2.048V, VDD
 2.5V, 125°C
4.096V, VDD
 4.75V, 85°C
4.096V, VDD
 4.75V, 125°C
D003C* TCVFVR
Temperature Coefficient, Fixed
Voltage Reference
—
-130
—
ppm/°C
D003D*
VFVR/
VIN
Line Regulation, Fixed Voltage
Reference
—
0.270
—
%/V
D004*
SVDD
VDD Rise Rate to ensure internal
Power-on Reset signal
0.05
—
—
V/ms
See Section 7.1 “Power-on Reset
(POR)” for details.
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1:
This is the limit to which VDD can be lowered in Sleep mode without losing RAM data.
2:
PLL required for 32 MHz operation.
3:
For proper operation, the minimum value of the ADC positive voltage reference must be 1.8V or greater. When selecting
the FVR or the VREF+ pin as the source of the ADC positive voltage reference, be aware that the voltage must be 1.8V or
greater.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com