công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1829-E/ST bảng dữ liệu(PDF) 266 Page - Microchip Technology

tên linh kiện PIC16F1829-E/ST
Giải thích chi tiết về linh kiện  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-E/ST bảng dữ liệu(HTML) 266 Page - Microchip Technology

Back Button PIC16F1829-E/ST Datasheet HTML 262Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 263Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 264Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 265Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 266Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 267Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 268Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 269Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 270Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 420 page
background image
PIC16F/LF1825/1829
DS41440A-page 268
Preliminary
 2010 Microchip Technology Inc.
25.5.3.3
7-bit Transmission with Address
Hold Enabled
Setting the AHEN bit of the SSPxCON3 register
enables additional clock stretching and interrupt gen-
eration after the 8th falling edge of a received match-
ing address. Once a matching address has been
clocked in, CKP is cleared and the SSPxIF interrupt is
set.
Figure 25-18 displays a standard waveform of a 7-bit
Address Slave Transmission with AHEN enabled.
1.
Bus starts Idle.
2.
Master sends Start condition; the S bit of
SSPxSTAT is set; SSPxIF is set if interrupt on
Start detect is enabled.
3.
Master sends matching address with R/W bit
set. After the 8th falling edge of the SCLx line the
CKP bit is cleared and SSPxIF interrupt is
generated.
4.
Slave software clears SSPxIF.
5.
Slave software reads ACKTIM bit of SSPxCON3
register, and R/W and D/A of the SSPxSTAT
register to determine the source of the interrupt.
6.
Slave reads the address value from the
SSPxBUF register clearing the BF bit.
7.
Slave software decides from this information if it
wishes to ACK or not ACK and sets the ACKDT
bit of the SSPxCON2 register accordingly.
8.
Slave sets the CKP bit releasing SCLx.
9.
Master clocks in the ACK value from the slave.
10. Slave hardware automatically clears the CKP bit
and sets SSPxIF after the ACK if the R/W bit is
set.
11. Slave software clears SSPxIF.
12. Slave loads value to transmit to the master into
SSPxBUF setting the BF bit.
13. Slave sets CKP bit releasing the clock.
14. Master clocks out the data from the slave and
sends an ACK value on the 9th SCLx pulse.
15. Slave hardware copies the ACK value into the
ACKSTAT bit of the SSPxCON2 register.
16. Steps 10-15 are repeated for each byte transmit-
ted to the master from the slave.
17. If the master sends a not ACK the slave
releases the bus allowing the master to send a
Stop and end the communication.
Note: SSPxBUF cannot be loaded until after the
ACK.
Note: Master must send a not ACK on the last byte
to ensure that the slave releases the SCLx
line to receive a Stop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com