công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1829-E/ST bảng dữ liệu(PDF) 235 Page - Microchip Technology

tên linh kiện PIC16F1829-E/ST
Giải thích chi tiết về linh kiện  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-E/ST bảng dữ liệu(HTML) 235 Page - Microchip Technology

Back Button PIC16F1829-E/ST Datasheet HTML 231Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 232Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 233Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 234Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 235Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 236Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 237Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 238Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 239Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 420 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41440A-page 237
PIC16F/LF1825/1829
24.4.6
PWM STEERING MODE
In Single Output mode, PWM steering allows any of the
PWM pins to be the modulated signal. Additionally, the
same PWM signal can be simultaneously available on
multiple pins.
Once
the
Single
Output
mode
is
selected
(CCPxM<3:2> = 11 and PxM<1:0> = 00 of the
CCPxCON register), the user firmware can bring out
the same PWM signal to one, two, three or four output
pins by setting the appropriate STRx<D:A> bits of the
PSTRxCON register, as shown in Table 24-8.
While the PWM Steering mode is active, CCPxM<1:0>
bits of the CCPxCON register select the PWM output
polarity for the Px<D:A> pins.
The PWM auto-shutdown operation also applies to
PWM Steering mode as described in Section 24.4.3
“Enhanced PWM Auto-shutdown mode”. An auto-
shutdown event will only affect pins that have PWM
outputs enabled.
FIGURE 24-18:
SIMPLIFIED STEERING
BLOCK DIAGRAM
Note:
The associated TRIS bits must be set to
output (‘0’) to enable the pin output driver
in order to see the PWM signal on the pin.
1
0
TRIS
PxA pin
PORT Data
PxA Signal
STRxA
1
0
TRIS
PxB pin
PORT Data
STRxB
1
0
TRIS
PxC pin
PORT Data
STRxC
1
0
TRIS
PxD pin
PORT Data
STRxD
Note 1: Port outputs are configured as shown when
the CCPxCON register bits PxM<1:0> = 00
and CCPxM<3:2> = 11.
2: Single PWM output requires setting at least
one of the STRx bits.
CCPxM1
CCPxM0
CCPxM1
CCPxM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com