| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F720-I/SS bảng dữ liệu(PDF) 126 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F720-I/SS bảng dữ liệu(HTML) 126 Page - Microchip Technology |
|
126 / 244 page ![]() PIC16F/LF720/721 DS41430A-page 126 2010 Microchip Technology Inc. FIGURE 16-5: ASYNCHRONOUS RECEPTION Start bit bit 7/8 bit 1 bit 0 bit 7/8 bit 0 Stop bit Start bit Start bit bit 7/8 Stop bit RX/DT pin Reg Rcv Buffer Reg Rcv Shift Read Rcv Buffer Reg RCREG RCIF (Interrupt Flag) OERR bit CREN Word 1 RCREG Word 2 RCREG Stop bit Note: This timing diagram shows three words appearing on the RX input. The RCREG (receive buffer) is read after the third word, causing the OERR (overrun) bit to be set. TABLE 16-2: REGISTERS ASSOCIATED WITH ASYNCHRONOUS RECEPTION Name Bit 7 Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0 Value on POR, BOR Value on all other Resets INTCON GIE PEIE TMR0IE INTE RABIE TMR0IF INTF RABIF 0000 000x 0000 000x PIE1 TMR1GIE ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 0000 0000 0000 0000 PIR1 TMR1GIF ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 0000 0000 0000 0000 RCREG AUSART Receive Data Register 0000 0000 0000 0000 RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 0000 000x 0000 000x SPBRG BRG7 BRG6 BRG5 BRG4 BRG3 BRG2 BRG1 BRG0 0000 0000 0000 0000 TRISC TRISC7 TRISC6 TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 1111 1111 1111 1111 TXSTA CSRC TX9 TXEN SYNC —BRGH TRMT TX9D 0000 -010 0000 -010 Legend: x = unknown, - = unimplemented read as ‘0’. Shaded cells are not used for asynchronous reception. |