công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331 bảng dữ liệu(PDF) 184 Page - Microchip Technology

tên linh kiện PIC18LF4331
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331 bảng dữ liệu(HTML) 184 Page - Microchip Technology

Back Button PIC18LF4331 Datasheet HTML 180Page - Microchip Technology PIC18LF4331 Datasheet HTML 181Page - Microchip Technology PIC18LF4331 Datasheet HTML 182Page - Microchip Technology PIC18LF4331 Datasheet HTML 183Page - Microchip Technology PIC18LF4331 Datasheet HTML 184Page - Microchip Technology PIC18LF4331 Datasheet HTML 185Page - Microchip Technology PIC18LF4331 Datasheet HTML 186Page - Microchip Technology PIC18LF4331 Datasheet HTML 187Page - Microchip Technology PIC18LF4331 Datasheet HTML 188Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 184
 2010 Microchip Technology Inc.
18.4.4
INTERRUPTS IN DOUBLE UPDATE
MODE
This mode is available in Continuous Up/Down Count
mode. In the Double Update mode (PTMOD<1:0> = 11),
an interrupt event is generated each time the PTMR
register is equal to zero and each time the PTMR
matches with PTPER register. Figure 18-8 shows the
interrupts in Continuous Up/Down Count mode with
double updates.
The Double Update mode provides two additional
functions to the user in Center-Aligned mode.
1.
The control loop bandwidth is doubled because
the PWM duty cycles can be updated twice per
period.
2.
Asymmetrical center-aligned PWM waveforms
can be generated, which are useful for
minimizing output waveform distortion in certain
motor control applications.
FIGURE 18-8:
PWM TIME BASE INTERRUPT, CONTINUOUS UP/DOWN COUNT MODE WITH
DOUBLE UPDATES
Note:
Do not change the PTMOD bits while
PTEN is active; it will yield unexpected
results. To change the PWM Timer mode
of operation, first clear the PTEN bit, load
the PTMOD bits with the required data
and then set PTEN.
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
1
1
OSC1
PTMR
3FDh
3FEh
3FFh
3FEh
3FDh
1
Case 1: PTMR Counting Upwards
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
1
1
OSC1
PTMR
002h
001h
000h
001h
002h
1
Case 2: PTMR Counting Downwards
2
Note 1:
Interrupt flag bit, PTIF, is sampled here (every Q1).
2:
PWM Time Base Period register, PTPER, is loaded with the value, 3FFh, for this example.
1
1
PTIF bit
PTMR_INT_REQ
PTIF bit
PTMR_INT_REQ
A: PRESCALER = 1:1
PTDIR bit
PTDIR bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com