| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F720-E/P bảng dữ liệu(PDF) 239 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F720-E/P bảng dữ liệu(HTML) 239 Page - Microchip Technology |
|
239 / 244 page ![]() 2010 Microchip Technology Inc. DS41430A-page 239 PIC16F/LF720/721 TMR1H Register ................................................................. 17 TMR1L Register .................................................................. 17 TMR2 Register .................................................................... 17 TMRO Register ................................................................... 19 TRISA ................................................................................. 47 TRISA Register ............................................................. 18, 48 TRISB ................................................................................. 56 TRISB Register ............................................................. 18, 57 TRISC ................................................................................. 62 TRISC Register ............................................................. 18, 63 TXREG.............................................................................. 121 TXREG Register ........................................................... 17, 61 TXSTA Register .......................................................... 18, 127 BRGH Bit .................................................................. 129 U UA ..................................................................................... 159 Update Address bit, UA .................................................... 159 USART Synchronous Master Mode Requirements, Synchronous Receive .............. 206 Requirements, Synchronous Transmission ...... 205 Timing Diagram, Synchronous Receive ........... 206 Timing Diagram, Synchronous Transmission ... 205 W Wake-up Using Interrupts ................................................. 170 Watchdog Timer (WDT) ...................................................... 29 Clock Source............................................................... 29 Modes ......................................................................... 30 Period.......................................................................... 29 Specifications............................................................ 201 WCOL bit .................................................................. 146, 158 WPUB Register ................................................................... 57 Write Collision Detect bit (WCOL)............................. 146, 158 WWW Address.................................................................. 241 WWW, On-Line Support ....................................................... 7 |