| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F4331 bảng dữ liệu(PDF) 181 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331 bảng dữ liệu(HTML) 181 Page - Microchip Technology |
|
181 / 392 page ![]() 2010 Microchip Technology Inc. DS39616D-page 181 PIC18F2331/2431/4331/4431 Table 18-1 shows the minimum PWM frequencies that can be generated with the PWM time base and the prescaler. An operating frequency of 40 MHz (FCYC = 10 MHz) and PTPER = 0xFFF is assumed in the table. The PWM module must be capable of gener- ating PWM signals at the line frequency (50 Hz or 60 Hz) for certain power control applications. TABLE 18-1: MINIMUM PWM FREQUENCY 18.3.5 PWM TIME BASE POSTSCALER The match output of PTMR can optionally be postscaled through a 4-bit postscaler (which gives a 1:1 to 1:16 scaling inclusive) to generate an interrupt. The postscaler counter is cleared when any of the following occurs: • Write to the PTMR register • Write to the PTCON register • Any device Reset The PTMR register is not cleared when PTCON is written. 18.4 PWM Time Base Interrupts The PWM timer can generate interrupts based on the modes of operation selected by the PTMOD<1:0> bits and the postscaler bits (PTOPS<3:0>). 18.4.1 INTERRUPTS IN FREE-RUNNING MODE When the PWM time base is in the Free-Running mode (PTMOD<1:0> = 00), an interrupt event is generated each time a match with the PTPER register occurs. The PTMR register is reset to zero in the following clock edge. Using a postscaler selection other than 1:1 will reduce the frequency of interrupt events. FIGURE 18-5: PWM TIME BASE INTERRUPT TIMING, FREE-RUNNING MODE Minimum PWM Frequencies vs. Prescaler Value for FCYC = 10 MIPS (PTPER = 0FFFh) Prescale PWM Frequency Edge-Aligned PWM Frequency Center-Aligned 1:1 2441 Hz 1221 Hz 1:4 610 Hz 305 Hz 1:16 153 Hz 76 Hz 1:64 38 Hz 19 Hz Q2 Q1 Q3 Q4 Q2 Q1 Q3 Q4 Q2 Q1 Q3 Q4 Q2 Q1 Q3 Q4 Q2 Q1 Q3 Q4 FOSC/4 PTMR_INT_REQ FFEh FFFh 000h 001h 002h PTIF bit 1 Note 1: PWM Time Base Period register, PTPER, is loaded with the value, FFFh, for this example. Qc Qc Qc Qc Qc Qc Qc Qc Qc Qc Qc Qc Qc Qc Qc Qc Qc Qc Qc Qc PTIF bit PTMR FFEh FFFh 001h 002h 1 A: PRESCALER = 1:1 B: PRESCALER = 1:4 PTMR PTMR_INT_REQ Q4 Q4 000h |