| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F4331 bảng dữ liệu(PDF) 153 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331 bảng dữ liệu(HTML) 153 Page - Microchip Technology |
|
153 / 392 page ![]() 2010 Microchip Technology Inc. DS39616D-page 153 PIC18F2331/2431/4331/4431 17.1 Input Capture The Input Capture (IC) submodule implements the following features: • Three channels of independent input capture (16-bits/channel) on the CAP1, CAP2 and CAP3 pins • Edge-Trigger, Period or Pulse-Width Measurement Operating modes for each channel • Programmable prescaler on every input capture channel • Special Event Trigger output (IC1 only) • Selectable noise filters on each capture input Input Channel 1 (IC1) includes a Special Event Trigger that can be configured for use in Velocity Measurement mode. Its block diagram is shown in Figure 17-2. IC2 and IC3 are similar, but lack the Special Event Trigger features or additional velocity measurement logic. A representative block diagram is shown in Figure 17-3. Please note that the time base is Timer5. FIGURE 17-2: INPUT CAPTURE BLOCK DIAGRAM FOR IC1 CAP1BUF/VELR(1) CAP1 Pin CAP1M<3:0> Q Clocks 3 4 FLTCK<2:0> VELM TMR5 Timer5 Reset Timer Reset Control Clock Q Clocks CAP1M<3:0> MUX First Event CAP1BUF_clk Reset 1 0 IC1_TR Timer5 Logic Reset Control Reset velcap(2) Clock/ Reset/ Interrupt Decode Logic Special Event Trigger Reset IC1IF Note 1: CAP1BUF register is reconfigured as VELR register when QEI mode is active. 2: QEI generated velocity pulses, vel_out, are downsampled to produce this velocity capture signal. Prescaler 1, 4, 16 Noise Filter and Mode Select |