công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16LF721 bảng dữ liệu(PDF) 202 Page - Microchip Technology

tên linh kiện PIC16LF721
Giải thích chi tiết về linh kiện  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF721 bảng dữ liệu(HTML) 202 Page - Microchip Technology

Back Button PIC16LF721 Datasheet HTML 198Page - Microchip Technology PIC16LF721 Datasheet HTML 199Page - Microchip Technology PIC16LF721 Datasheet HTML 200Page - Microchip Technology PIC16LF721 Datasheet HTML 201Page - Microchip Technology PIC16LF721 Datasheet HTML 202Page - Microchip Technology PIC16LF721 Datasheet HTML 203Page - Microchip Technology PIC16LF721 Datasheet HTML 204Page - Microchip Technology PIC16LF721 Datasheet HTML 205Page - Microchip Technology PIC16LF721 Datasheet HTML 206Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 244 page
background image
PIC16F/LF720/721
DS41430A-page 202
 2010 Microchip Technology Inc.
FIGURE 23-10:
CAPTURE/COMPARE/PWM TIMINGS (CCP)
TABLE 23-5:
TIMER0 AND TIMER1 EXTERNAL CLOCK REQUIREMENTS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature -40°C
TA +125°C
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
40*
TT0H
T0CKI High Pulse
Width
No
Prescaler
0.5 TCY + 20
—
—
ns
With
Prescaler
10
—
—
ns
41*
TT0L
T0CKI Low Pulse
Width
No
Prescaler
0.5 TCY + 20
—
—
ns
With
Prescaler
10
—
—
ns
42*
TT0P
T0CKI Period
Greater of:
20 or TCY + 40
N
—
—
ns
N = prescale value
(2, 4, ..., 256)
45*
TT1H
T1CKI
High
Time
Synchronous, No
Prescaler
0.5 TCY + 20
—
—
ns
Synchronous, with
Prescaler
15
—
—
ns
Asynchronous
30
—
—
ns
46*
TT1L
T1CKI
Low Time
Synchronous, No
Prescaler
0.5 TCY + 20
—
—
ns
Synchronous, with
Prescaler
15
—
—
ns
Asynchronous
30
—
—
ns
47*
TT1P
T1CKI
Input
Period
Synchronous
Greater of:
30 or TCY + 40
N
—
—
ns
N = prescale value
(1, 2, 4, 8)
Asynchronous
60
—
—
ns
49*
TCKEZ
TMR
1
Delay from External Clock Edge to
Timer Increment
2 TOSC
—7 TOSC
—
Timers in Sync
mode
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note:
Refer to Figure 23-2 for load conditions.
(Capture mode)
CC01
CC02
CC03
CCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com