| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPMCK16Z4MPV20 bảng dữ liệu(PDF) 467 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV20 bảng dữ liệu(HTML) 467 Page - Freescale Semiconductor, Inc |
|
467 / 500 page ![]() M68HC16 Z SERIES INITIALIZATION AND PROGRAMMING EXAMPLES USER’S MANUAL E-15 LDD #$3030 STD CSOR1 ;set Chip Select 1, lower byte, write only LDD #$0303 STD CSBAR2 ;set Chip Select 2 to fire at base addr $30000 LDD #$7830 STD CSOR2 ;set Chip Select 2, both bytes, read and write LDD #$3FFF STD CSPAR0 ;set Chip Selects 0,1,2 to 16-bit ports ***** The Main Program ***** MAIN: ;Move data from another place in memory ;into the U1 and U3 RAM slots..... LDAB #$00 TBXK ;set XK to bank 0 for access to the STRING LDX #STRING ;load the starting address of STRING into IX LDAB #$03 ;set ZK to bank 3 TBZK ;for access to U1 & U3 during write in XLOOP LDZ #0000 ;clear IZ so ZK:IZ = $30000 XLOOP: LDD 0,X ;load two bytes from $10000 into accum. D STD 0,Z ;store accum. D into U1 and U3 RAM: ;the chip select logic takes care of us! AIX #2 ;increment X index register to next word AIZ #2 ;increment Z index register to next word CMPA #$00 BEQ PRINT ;end xloop if the end of the string $00 is CMPB #$00 ;detected in either accumulator A or B BNE XLOOP PRINT: ;This loop reads its string from the U1 and U3 ;slots and prints it at the dummy terminal.... LDAB #$03 TBXK ;set XK:IX index to point to bank 3 LDX #$0000 ;point to the beginning of the ASCII string JSR SEND_STRING ;go output the ASCII string BRA PRINT ;loop back and print again ***** Subroutines ***** SEND_STRING: ;subroutine to send out the entire ASCII ;string LDAB 0,X ;get next char in string as pointed to by IX BEQ STRING_DONE ;if B=00, then message is done JSR SEND_CH ;go send out a character AIX #1 ;increment IX to point to the next ASCII char BRA SEND_STRING ;loop back STRING_DONE: RTS ;go back to whence we came SEND_CH: ;subroutine to send out one character at a time LDAA SCSR ;read the SCI status reg to check TDRE bit ANDA #01 ;check only the tdre flag bit Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |