| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM647 bảng dữ liệu(PDF) 141 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM647 bảng dữ liệu(HTML) 141 Page - Texas Instruments |
|
141 / 181 page ![]() HRDY(B) (output) 5 11 9 17 18 34 HAS (input) HR/W (input) HSTROBE(A) (input) HCS (input) 35 36 38 HD[31:0] (input) HCNTL[1:0] (input) 10 12 13 37 TMS320DM647 TMS320DM648 www.ti.com SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009 A. HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT(HDS1 XOR HDS2)] OR HCS. B. Depending on the type of write or read operation (HPID without auto-incrementing; HPIA, HPIC, or HPID with auto-incrementing) and the state of the FIFO, transitions on HRDY may or may not occur. For more detailed information on the HPI peripheral, see the TMS320DM647/DM648 DSP Host Port Interface (HPI) User's Guide (literature number SPRUEL5) Figure 6-47. HPI32 Write Timing (HAS Used) Copyright © 2010–2009, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 141 Submit Documentation Feedback Product Folder Link(s): TMS320DM647 TMS320DM648 |