| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC312XDP512F0CFVR bảng dữ liệu(PDF) 1330 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR bảng dữ liệu(HTML) 1330 Page - Freescale Semiconductor, Inc |
|
1330 / 1348 page ![]() Appendix G Detailed Register Map MC9S12XDP512 Data Sheet, Rev. 2.21 1332 Freescale Semiconductor 0x019F CAN1IDMR7 R AM7 AM6 AM5 AM4 AM3 AM2 AM1 AM0 W 0x01A0– 0x01AF CAN1RXFG R FOREGROUND RECEIVE BUFFER (See Detailed MSCAN Foreground Receive and Transmit Buffer Layout) W 0x01B0– 0x01BF CAN1TXFG R FOREGROUND TRANSMIT BUFFER (See Detailed MSCAN Foreground Receive and Transmit Buffer Layout) W 0x01C0–0x01FF Freescale Scalable CAN — MSCAN (CAN2) Map Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 0x01C0 CAN2CTL0 R RXFRM RXACT CSWAI SYNCH TIME WUPE SLPRQ INITRQ W 0x01C1 CAN2CTL1 R CANE CLKSRC LOOPB LISTEN BORM WUPM SLPAK INITAK W 0x01C2 CAN2BTR0 R SJW1 SJW0 BRP5 BRP4 BRP3 BRP2 BRP1 BRP0 W 0x01C3 CAN2BTR1 R SAMP TSEG22 TSEG21 TSEG20 TSEG13 TSEG12 TSEG11 TSEG10 W 0x01C4 CAN2RFLG R WUPIF CSCIF RSTAT1 RSTAT0 TSTAT1 TSTAT0 OVRIF RXF W 0x01C5 CAN2RIER R WUPIE CSCIE RSTATE1 RSTATE0 TSTATE1 TSTATE0 OVRIE RXFIE W 0x01C6 CAN2TFLG R 0 0000 TXE2 TXE1 TXE0 W 0x01C7 CAN2TIER R 0 0000 TXEIE2 TXEIE1 TXEIE0 W 0x01C8 CAN2TARQ R 0 0000 ABTRQ2 ABTRQ1 ABTRQ0 W 0x01C9 CAN2TAAK R 0 0000 ABTAK2 ABTAK1 ABTAK0 W 0x01CA CAN2TBSEL R 0 0000 TX2 TX1 TX0 W 0x01CB CAN2IDAC R0 0 IDAM1 IDAM0 0 IDHIT2 IDHIT1 IDHIT0 W 0x01CC Reserved R 0 0000000 W 0x01CD CAN2MISC R 0 000000 BOHOLD W 0x01CE CAN2RXERR R RXERR7 RXERR6 RXERR5 RXERR4 RXERR3 RXERR2 RXERR1 RXERR0 W 0x01CF CAN2TXERR R TXERR7 TXERR6 TXERR5 TXERR4 TXERR3 TXERR2 TXERR1 TXERR0 W 0x01D0 CAN2IDAR0 R AC7 AC6 AC5 AC4 AC3 AC2 AC1 AC0 W 0x0180–0x01BF Freescale Scalable CAN — MSCAN (CAN1) Map (Sheet 3 of 3) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 |