| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC312XDP512F0CFVR bảng dữ liệu(PDF) 1297 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR bảng dữ liệu(HTML) 1297 Page - Freescale Semiconductor, Inc |
|
1297 / 1348 page ![]() Appendix D Using L15Y Silicon MC9S12XDP512 Data Sheet, Rev. 2.21 Freescale Semiconductor 1299 Appendix D Using L15Y Silicon The following items should be considerd when using L15Y Silicon: • Do not write or read to registers which are marked “Reserved” in Table 1-1. • Fill the interrupt vector locations which are marked “Reserved” in Table 1-12. according to your coding policies for unused interrupts • L15Y Silicon includes two analog to digital converters ATD0 and ATD1. ATD0 channels 7 to 0 are connected to PAD07 to PAD00 and ATD1 channels 7 to 0 are connected to PAD15 to PAD08. • L15Y Silicon integrates the S12X_DBG module Version 2. L15Y Silicon integrates the S12X_MMC module Version 2. This Version doesn’t support the following enhancement which is available on S12X_MMC Version 3: — S12XCPU and S12XBDM can access MCU resources which are on different target busses at the same time. I.E S12XCPU can access XSRAM and S12XBDM can access Register Space at the same time. |