| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC312XDP512F0CFVR bảng dữ liệu(PDF) 1250 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR bảng dữ liệu(HTML) 1250 Page - Freescale Semiconductor, Inc |
|
1250 / 1348 page ![]() Appendix A Electrical Characteristics MC9S12XDP512 Data Sheet, Rev. 2.21 1252 Freescale Semiconductor Table A-11. Pseudo Stop and Full Stop Current Conditions are shown in Table A-4 unless otherwise noted Num C Rating Symbol Min Typ Max Unit Pseudo stop current (API, RTI, and COP disabled) PLL off 10 C P C C P C P C P –40 °C 27 °C 70 °C 85 °C "C" Temp Option 100 °C 105 °C "V" Temp Option 120 °C 125 °C "M" Temp Option 140 °C IDDPS — — — — — — — — — 200 300 400 500 600 800 1000 1200 1500 — 500 — — 2500 — 3500 — 7000 µA Pseudo stop current (API, RTI, and COP enabled) PLL off 11 C C C C C C C –40 °C 27 °C 70 °C 85 °C 105 °C 125 °C 140 °C IDDPS — — — — — — — 500 750 850 1000 1200 1500 2000 — — — — — — — µA Stop Current 12 C P C C P C P C P –40 °C 27 °C 70 °C 85 °C "C" Temp Option 100 °C 105 °C "V" Temp Option 120 °C 125 °C "M" Temp Option 140 °C IDDS — — — — — — — — — 20 30 100 200 250 400 500 600 1000 — 100 — — 2000 — 3000 — 7000 µA |