| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC312XDP512F0CFVR bảng dữ liệu(PDF) 1221 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR bảng dữ liệu(HTML) 1221 Page - Freescale Semiconductor, Inc |
|
1221 / 1348 page ![]() Chapter 29 128 Kbyte Flash Module (S12XFTX128K1V1) MC9S12XDP512 Data Sheet, Rev. 2.21 Freescale Semiconductor 1223 Figure 29-28. Example Mass Erase Command Flow Write: Flash Block Address Write: FCMD register Mass Erase Command 0x41 Write: FSTAT register Clear CBEIF 0x80 1. 2. 3. Clear ACCERR/PVIOL 0x30 Write: FSTAT register yes no Access Error and Protection Violation and Dummy Data Read: FSTAT register Read: FSTAT register no START yes Check CBEIF Set? Address, Data, Command Buffer Empty Check ACCERR/ PVIOL Set? EXIT Write: FCLKDIV register Read: FCLKDIV register yes no Clock Register Written Check FDIVLD Set? NOTE: FCLKDIV needs to be set once after each reset. no Bit Polling for Command Completion Check yes CCIF Set? |