| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC312XDP512F0CFVR bảng dữ liệu(PDF) 1193 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR bảng dữ liệu(HTML) 1193 Page - Freescale Semiconductor, Inc |
|
1193 / 1348 page ![]() Chapter 29 128 Kbyte Flash Module (S12XFTX128K1V1) MC9S12XDP512 Data Sheet, Rev. 2.21 Freescale Semiconductor 1195 29.3.2 Register Descriptions The Flash module contains a set of 16 control and status registers located between module base + 0x0000 and 0x000F. A summary of the Flash module registers is given in Figure 29-3. Detailed descriptions of each register bit are provided. Register Name Bit 7 654321 Bit 0 FCLKDIV R FDIVLD PRDIV8 FDIV5 FDIV4 FDIV3 FDIV2 FDIV1 FDIV0 W FSEC R KEYEN RNV5 RNV4 RNV3 RNV2 SEC W FTSTMOD R 0 MRDS 00000 W FCNFG R CBEIE CCIE KEYACC 00000 W FPROT R FPOPEN RNV6 FPHDIS FPHS FPLDIS FPLS W FSTAT R CBEIF CCIF PVIOL ACCERR 0 BLANK 0 0 W FCMD R 0 CMDB W FCTL R 0 NV6 NV5 NV4 NV3 NV2 NV1 NV0 W FADDRHI R FADDRHI W FADDRLO R FADDRLO W FDATAHI R FDATAHI W FDATALO R FDATALO W Figure 29-3. FTX128K1 Register Summary |