| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC312XDP512F0CFVR bảng dữ liệu(PDF) 1061 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR bảng dữ liệu(HTML) 1061 Page - Freescale Semiconductor, Inc |
|
1061 / 1348 page ![]() Chapter 25 2 Kbyte EEPROM Module (S12XEETX2KV1) MC9S12XDP512 Data Sheet, Rev. 2.21 Freescale Semiconductor 1063 Figure 25-21. Example Mass Erase Command Flow Write: EEPROM Address Write: ECMD register Mass Erase Command 0x41 Write: ESTAT register Clear CBEIF 0x80 1. 2. 3. Clear ACCERR/PVIOL 0x30 Write: ESTAT register yes no Access Error and Protection Violation and Dummy Data Read: ESTAT register NOTE: command write sequence aborted by writing 0x00 to ESTAT register. NOTE: command write sequence aborted by writing 0x00 to ESTAT register. Read: ESTAT register no START yes Check CBEIF Set? Address, Data, Command Buffer Empty Check ACCERR/ PVIOL Set? EXIT Write: ECLKDIV register Read: ECLKDIV register yes no Clock Register Written Check EDIVLD Set? NOTE: ECLKDIV needs to be set once after each reset. no Bit Polling for Command Completion Check yes CCIF Set? |