| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC312XDP512F0CFVR bảng dữ liệu(PDF) 694 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR bảng dữ liệu(HTML) 694 Page - Freescale Semiconductor, Inc |
|
694 / 1348 page ![]() Chapter 19 S12X Debug (S12XDBGV2) Module MC9S12XDP512 Data Sheet, Rev. 2.21 696 Freescale Semiconductor . Table 19-2. External System Pins Associated With DBG Pin Name Pin Functions Description TAGHI (See DUG) TAGHI When instruction tagging is on, tags the high half of the instruction word being read into the instruction queue. TAGLO (See DUG) TAGLO When instruction tagging is on, tags the low half of the instruction word being read into the instruction queue. |