| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC312XDP512F0CFVR bảng dữ liệu(PDF) 647 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR bảng dữ liệu(HTML) 647 Page - Freescale Semiconductor, Inc |
|
647 / 1348 page ![]() Chapter 17 Memory Mapping Control (S12XMMCV2) MC9S12XDP512 Data Sheet, Rev. 2.21 Freescale Semiconductor 647 17.5.3.3 ROM Control in Normal Expanded Mode In normal expanded mode the external bus will be connected to the application. If the ROMON bit is set, the internal FLASH provides the data. If the ROMON bit is cleared, the application memory provides the data (see Figure 1-29). Figure 17-29. ROM in Normal Expanded Mode ROMON = 1 Application MCU ROMON = 0 Application MCU Flash Memory Memory |