| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC312XDP512F0CFVR bảng dữ liệu(PDF) 615 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR bảng dữ liệu(HTML) 615 Page - Freescale Semiconductor, Inc |
|
615 / 1348 page ![]() Chapter 17 Memory Mapping Control (S12XMMCV2) MC9S12XDP512 Data Sheet, Rev. 2.21 Freescale Semiconductor 615 Table 1-2 and Table 1-3 outline the pin names and functions. It also provides a brief description of their operation. Table 17-1. External Input Signals Associated with the MMC Signal I/O Description Availability MODC I Mode input Latched after RESET (active low) MODB I Mode input MODA I Mode input EROMCTL I EROM control input ROMCTL I ROM control input Table 17-2. External Output Signals Associated with the MMC Signal I/O Description Available in Modes NS SS NX ES EX ST CS0 O Chip select line 0 (see Table 1-4) CS1 O Chip select line 1 CS2 O Chip select line 2 CS3 O Chip select line 3 |