| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC312XDP512F0CFVR bảng dữ liệu(PDF) 277 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR bảng dữ liệu(HTML) 277 Page - Freescale Semiconductor, Inc |
|
277 / 1348 page ![]() Chapter 6 XGATE (S12XGATEV2) MC9S12XDP512 Data Sheet, Rev. 2.21 Freescale Semiconductor 277 Operation Attempts to set a semaphore. The state of the semaphore will be stored in the Carry-Flag: 1 = Semaphore is locked by the RISC core 0 = Semaphore is locked by the S12X_CPU In monadic address mode, bits RS[2:0] select the semaphore to be set. CCR Effects Code and CPU Cycles SSEM Set Semaphore SSEM NZ V C ——— ∆ N: Not affected. Z: Not affected. V: Not affected. C: Set if semaphore is locked by the RISC core; cleared otherwise. Source Form Address Mode Machine Code Cycles SSEM #IMM3 IMM3 0 0 0 0 0 IMM3 1 1 1 1 0 0 1 0 PA SSEM RS MON 0 0 0 0 0 RS 1 1 1 1 0 0 1 1 PA |