công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC30F2012AT-30I/P bảng dữ liệu(PDF) 195 Page - Microchip Technology

tên linh kiện DSPIC30F2012AT-30I/P
Giải thích chi tiết về linh kiện  High-Performance, 16-bit Digital Signal Controllers
PDF  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT-30I/P bảng dữ liệu(HTML) 195 Page - Microchip Technology

Back Button DSPIC30F2012AT-30I/P Datasheet HTML 191Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 192Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 193Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 194Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 195Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 196Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 197Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 198Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 199Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 206 page
background image
© 2008 Microchip Technology Inc.
DS70139F-page 195
dsPIC30F2011/2012/3012/3013
APPENDIX A: REVISION HISTORY
Revision D (August 2006)
Previous versions of this data sheet contained
Advance or Preliminary Information. They were
distributed with incomplete characterization data.
This revision reflects these updates:
• Supported I2C Slave Addresses
(see Table 14-1)
• ADC Conversion Clock selection to allow
200 kHz sampling rate (see Section 16.0 “12-bit
Analog-to-Digital Converter (ADC) Module”)
• Operating Current (IDD) Specifications
(see Table 20-5)
• Idle Current (IIDLE) Specifications
(see Table 20-6)
• Power-Down Current (IPD) Specifications
(see Table 20-7)
• I/O pin Input Specifications
(see Table 20-8)
• BOR voltage limits
(see Table 20-11)
• Watchdog Timer time-out limits
(see Table 20-21)
Revision E (December 2006)
This revision includes updates to the packaging
diagrams.
Revision F (May 2008)
This revision reflects these updates:
• Added FUSE Configuration Register (FICD)
details (see Section 17.7 “Device Configuration
Registers” and Table 17-8)
• Added Note 2 to Device Configuration Registers
table (Table 17-8)
• Updated Bit 10 in the UART2 Register Map (see
Table 15-2). This bit is unimplemented.
• Electrical Specifications:
- Resolved TBD values for parameters DO10,
DO16, DO20, and DO26 (see Table 20-9)
- 10-bit High-Speed ADC tPDU timing
parameter (time to stabilize) has been
updated from 20 µs typical to 20 µs maximum
(see Table 20-37)
- Parameter OS65 (Internal RC Accuracy) has
been expanded to reflect multiple Min and
Max values for different temperatures (see
Table 20-19)
- Parameter DC12 (RAM Data Retention
Voltage) has been updated to include a Min
value (see Table 20-4)
- Parameter D134 (Erase/Write Cycle Time)
has been updated to include Min and Max
values and the Typ value has been removed
(see Table 20-12)
- Removed parameters OS62 (Internal FRC
Jitter) and OS64 (Internal FRC Drift) and
Note 2 from AC Characteristics (see
Table 20-18)
- Parameter OS63 (Internal FRC Accuracy)
has been expanded to reflect multiple Min
and Max values for different temperatures
(see Table 20-18)
- Updated Min and Max values and Conditions
for parameter SY11 and updated Min, Typ,
and Max values and Conditions for
parameter SY20 (see Table 20-21)
• Additional minor corrections throughout the
document



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com