công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC30F2012AT-30I/P bảng dữ liệu(PDF) 108 Page - Microchip Technology

tên linh kiện DSPIC30F2012AT-30I/P
Giải thích chi tiết về linh kiện  High-Performance, 16-bit Digital Signal Controllers
PDF  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT-30I/P bảng dữ liệu(HTML) 108 Page - Microchip Technology

Back Button DSPIC30F2012AT-30I/P Datasheet HTML 104Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 105Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 106Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 107Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 108Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 109Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 110Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 111Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 206 page
background image
dsPIC30F2011/2012/3012/3013
DS70139F-page 108
© 2008 Microchip Technology Inc.
15.9
Auto-Baud Support
To allow the system to determine baud rates of
received characters, the input can be optionally linked
to a selected capture input (IC1 for UART1 and IC2 for
UART2). To enable this mode, you must program the
input capture module to detect the falling and rising
edges of the Start bit.
15.10 UART Operation During CPU
Sleep and Idle Modes
15.10.1
UART OPERATION DURING CPU
SLEEP MODE
When the device enters Sleep mode, all clock sources
to the module are shut down and stay at logic ‘0’. If
entry into Sleep mode occurs while a transmission is in
progress, then the transmission is aborted. The UxTX
pin is driven to logic ‘1’. Similarly, if entry into Sleep
mode occurs while a reception is in progress, then the
reception is aborted. The UxSTA, UxMODE, transmit
and receive registers and buffers, and the UxBRG
register are not affected by Sleep mode.
If the WAKE bit (UxMODE<7>) is set before the device
enters Sleep mode, then a falling edge on the UxRX pin
will generate a receive interrupt. The Receive Interrupt
Select mode bit (URXISEL) has no effect for this
function. If the receive interrupt is enabled, then this will
wake-up the device from Sleep. The UARTEN bit must
be set in order to generate a wake-up interrupt.
15.10.2
UART OPERATION DURING CPU
IDLE MODE
For the UART, the USIDL bit selects if the module will
stop operation when the device enters Idle mode or
whether the module will continue on Idle. If USIDL = 0,
the module will continue to operate during Idle mode. If
USIDL = 1, the module will stop on Idle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com