| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F23K22-E/SP bảng dữ liệu(PDF) 294 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K22-E/SP bảng dữ liệu(HTML) 294 Page - Microchip Technology |
|
294 / 492 page ![]() PIC18(L)F2X/4XK22 DS41412B-page 294 Preliminary 2010 Microchip Technology Inc. 17.1.7 RESULT FORMATTING The 10-bit A/D conversion result can be supplied in two formats, left justified or right justified. The ADFM bit of the ADCON2 register controls the output format. Figure 17-2 shows the two output formats. FIGURE 17-2: 10-BIT A/D CONVERSION RESULT FORMAT ADRESH ADRESL (ADFM = 0)MSB LSB bit 7 bit 0 bit 7 bit 0 10-bit A/D Result Unimplemented: Read as ‘0’ (ADFM = 1) MSB LSB bit 7 bit 0 bit 7 bit 0 Unimplemented: Read as ‘0’ 10-bit A/D Result |