| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F23K22-E/P bảng dữ liệu(PDF) 132 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K22-E/P bảng dữ liệu(HTML) 132 Page - Microchip Technology |
|
132 / 492 page ![]() PIC18(L)F2X/4XK22 DS41412B-page 132 Preliminary 2010 Microchip Technology Inc. TABLE 9-1: REGISTERS ASSOCIATED WITH INTERRUPTS Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register on Page ANSELB — — ANSB5 ANSB4 ANSB3 ANSB2 ANSB1 ANSB0 153 INTCON GIE/GIEH PEIE/GIEL TMR0IE INT0IE RBIE TMR0IF INT0IF RBIF 115 INTCON2 RBPU INTEDG0 INTEDG1 INTEDG2 —TMR0IP —RBIP 116 INTCON3 INT2IP INT1IP — INT2IE INT1IE — INT2IF INT1IF 117 IOCB IOCB7 IOCB6 IOCB5 IOCB4 — — — —156 IPR1 — ADIP RC1IP TX1IP SSP1IP CCP1IP TMR2IP TMR1IP 127 IPR2 OSCFIP C1IP C2IP EEIP BCL1IP HLVDIP TMR3IP CCP2IP 128 IPR3 SSP2IP BCL2IP RC2IP TX2IP CTMUIP TMR5GIP TMR3GIP TMR1GIP 129 IPR4 — — — — — CCP5IP CCP4IP CCP3IP 130 IPR5 — — — — — TMR6IP TMR5IP TMR4IP 130 PIE1 — ADIE RC1IE TX1IE SSP1IE CCP1IE TMR2IE TMR1IE 123 PIE2 OSCFIE C1IE C2IE EEIE BCL1IE HLVDIE TMR3IE CCP2IE 124 PIE3 SSP2IE BCL2IE RC2IE TX2IE CTMUIE TMR5GIE TMR3GIE TMR1GIE 125 PIE4 — — — — — CCP5IE CCP4IE CCP3IE 126 PIE5 — — — — — TMR6IE TMR5IE TMR4IE 126 PIR1 — ADIF RC1IF TX1IF SSP1IF CCP1IF TMR2IF TMR1IF 118 PIR2 OSCFIF C1IF C2IF EEIF BCL1IF HLVDIF TMR3IF CCP2IF 119 PIR3 SSP2IF BCL2IF RC2IF TX2IF CTMUIF TMR5GIF TMR3GIF TMR1GIF 120 PIR4 — — — — — CCP5IF CCP4IF CCP3IF 121 PIR5 — — — — — TMR6IF TMR5IF TMR4IF 122 PORTB RB7 RB6 RB5 RB4 RB3 RB2 RB1 RB0 151 RCON IPEN SBOREN — RI TO PD POR BOR 60 Legend: — = unimplemented locations, read as ‘0’. Shaded bits are not used for Interrupts. TABLE 9-2: CONFIGURATION REGISTERS ASSOCIATED WITH INTERRUPTS Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register on Page CONFIG3H MCLRE — P2BMX T3CMX HFOFST CCP3MX PBADEN CCP2MX 354 CONFIG4L DEBUG XINST — — — LVP — STRVEN 355 Legend: — = unimplemented locations, read as ‘0’. Shaded bits are not used for Interrupts. |