| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F23K22-I/ML bảng dữ liệu(PDF) 486 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K22-I/ML bảng dữ liệu(HTML) 486 Page - Microchip Technology |
|
486 / 492 page ![]() PIC18(L)F2X/4XK22 DS41412B-page 486 Preliminary 2010 Microchip Technology Inc. Asynchronous Counter Mode .................................. 163 Reading and Writing ........................................ 163 Clock Source Selection ............................................ 162 Interrupt .................................................................... 166 Operation ................................................................. 162 Operation During Sleep ........................................... 166 Oscillator .................................................................. 163 Prescaler .................................................................. 163 Timer1 Gate Selecting Source .............................................. 164 TMR1H Register ...................................................... 161 TMR1L Register ....................................................... 161 Timer2 Associated registers ................................................. 176 Timer2/4/6 ........................................................................ 173 Associated registers ................................................. 176 Timers Timer1 T1CON ............................................................. 170 T1GCON .......................................................... 171 Timer2/4/6 TXCON ............................................................ 175 Timing Diagrams A/D Conversion ........................................................ 459 Acknowledge Sequence .......................................... 246 Asynchronous Reception ......................................... 271 Asynchronous Transmission .................................... 266 Asynchronous Transmission (Back to Back) ........... 267 Auto Wake-up Bit (WUE) During Normal Operation ......................................................... 281 Auto Wake-up Bit (WUE) During Sleep ................... 281 Automatic Baud Rate Calculator .............................. 280 Baud Rate Generator with Clock Arbitration ............ 239 BRG Reset Due to SDA Arbitration During Start Condition .......................................................... 250 Brown-out Reset (BOR) ........................................... 446 Bus Collision During a Repeated Start Condition (Case 1) ........................................................... 251 Bus Collision During a Repeated Start Condition (Case 2) ........................................................... 251 Bus Collision During a Start Condition (SCL = 0) .... 250 Bus Collision During a Stop Condition (Case 1) ...... 252 Bus Collision During a Stop Condition (Case 2) ...... 252 Bus Collision During Start Condition (SDA only) ..... 249 Bus Collision for Transmit and Acknowledge ........... 248 Capture/Compare/PWM (CCP) ................................ 448 CLKO and I/O .......................................................... 445 Clock Synchronization ............................................. 236 Clock/Instruction Cycle .............................................. 74 Comparator Output .................................................. 305 EUSART Synchronous Receive (Master/Slave) ...... 458 EUSART Synchronous Transmission (Master/Slave) .................................................. 458 Example SPI Master Mode (CKE = 0) ..................... 449 Example SPI Master Mode (CKE = 1) ..................... 450 Example SPI Master Mode Timing .......................... 449 Example SPI Slave Mode (CKE = 0) ....................... 451 Example SPI Slave Mode (CKE = 1) ....................... 452 External Clock (All Modes except PLL) .................... 443 Fail-Safe Clock Monitor (FSCM) ................................ 45 First Start Bit Timing ................................................ 240 Full-Bridge PWM Output .......................................... 193 Half-Bridge PWM Output ................................. 191, 197 High/Low-Voltage Detect Characteristics ................ 440 High-Voltage Detect Operation (VDIRMAG = 1) ...... 346 I2C Bus Data ............................................................ 454 I2C Bus Start/Stop Bits ............................................ 453 I2C Master Mode (7 or 10-Bit Transmission) ........... 243 I2C Master Mode (7-Bit Reception) .......................... 245 I2C Stop Condition Receive or Transmit Mode ........ 247 Internal Oscillator Switch Timing ............................... 43 Low-Voltage Detect Operation (VDIRMAG = 0) ...... 345 Master SSP I2C Bus Data ........................................ 456 Master SSP I2C Bus Start/Stop Bits ........................ 456 PWM Auto-shutdown ............................................... 196 Firmware Restart ............................................. 196 PWM Direction Change ........................................... 194 PWM Direction Change at Near 100% Duty Cycle .. 195 PWM Output (Active-High) ...................................... 189 PWM Output (Active-Low) ....................................... 190 Repeat Start Condition ............................................ 241 Reset, Watchdog Timer (WDT), Oscillator Start-up Timer (OST), Power-up Timer (PWRT) ........... 446 Send Break Character Sequence ............................ 282 Slow Rise Time (MCLR Tied to VDD, VDD Rise > TPWRT) ............................................................... 65 SPI Mode (Master Mode) ......................................... 213 Synchronous Reception (Master Mode, SREN) ...... 287 Synchronous Transmission ..................................... 284 Synchronous Transmission (Through TXEN) .......... 284 Time-out Sequence on POR w/PLL Enabled (MCLR Tied to VDD) .......................................... 66 Time-out Sequence on Power-up (MCLR Not Tied to VDD, Case 1) ......................................... 64 Time-out Sequence on Power-up (MCLR Not Tied to VDD, Case 2) ......................................... 65 Time-out Sequence on Power-up (MCLR Tied to VDD, VDD Rise < TPWRT) ............................... 64 Timer0 and Timer1 External Clock .......................... 447 Timer1 Incrementing Edge ...................................... 167 Transition for Entry to SEC_RUN Mode .................... 49 Transition for Entry to Sleep Mode ............................ 51 Transition for Wake from Sleep (HSPLL) .................. 52 Transition from RC_RUN Mode to PRI_RUN Mode .. 50 Transition from SEC_RUN Mode to PRI_RUN Mode (HSPLL) ................................................... 49 Transition Timing for Entry to Idle Mode .................... 52 Transition Timing for Wake from Idle to Run Mode ... 53 Timing Diagrams and Specifications ............................... 443 A/D Conversion Requirements ................................ 460 Capture/Compare/PWM Requirements ................... 449 CLKO and I/O Requirements ................................... 445 EUSART Synchronous Receive Requirements ....... 458 EUSART Synchronous Transmission Requirements .................................................. 458 Example SPI Mode Requirements (Master Mode, CKE = 0) .................................. 450 (Master Mode, CKE = 1) .................................. 451 (Slave Mode, CKE = 0) .................................... 452 (Slave Mode, CKE = 1) .................................... 453 External Clock Requirements .................................. 443 I2C Bus Data Requirements (Slave Mode) .............. 455 I2C Bus Start/Stop Bits Requirements (Slave Mode) ................................................... 454 Master SSP I2C Bus Data Requirements ................ 457 Master SSP I2C Bus Start/Stop Bits Requirements .................................................. 456 PLL Clock ................................................................ 444 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |