| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F23K22-I/ML bảng dữ liệu(PDF) 369 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K22-I/ML bảng dữ liệu(HTML) 369 Page - Microchip Technology |
|
369 / 492 page ![]() 2010 Microchip Technology Inc. Preliminary DS41412B-page 369 PIC18(L)F2X/4XK22 FIGURE 25-1: GENERAL FORMAT FOR INSTRUCTIONS Byte-oriented file register operations 15 10 9 8 7 0 d = 0 for result destination to be WREG register OPCODE d a f (FILE #) d = 1 for result destination to be file register (f) a = 0 to force Access Bank Bit-oriented file register operations 15 12 11 9 8 7 0 OPCODE b (BIT #) a f (FILE #) b = 3-bit position of bit in file register (f) Literal operations 15 8 7 0 OPCODE k (literal) k = 8-bit immediate value Byte to Byte move operations (2-word) 15 12 11 0 OPCODE f (Source FILE #) CALL, GOTO and Branch operations 15 8 7 0 OPCODE n<7:0> (literal) n = 20-bit immediate value a = 1 for BSR to select bank f = 8-bit file register address a = 0 to force Access Bank a = 1 for BSR to select bank f = 8-bit file register address 15 12 11 0 1111 n<19:8> (literal) 15 12 11 0 1111 f (Destination FILE #) f = 12-bit file register address Control operations Example Instruction ADDWF MYREG, W, B MOVFF MYREG1, MYREG2 BSF MYREG, bit, B MOVLW 7Fh GOTO Label 15 8 7 0 OPCODE n<7:0> (literal) 15 12 11 0 1111 n<19:8> (literal) CALL MYFUNC 15 11 10 0 OPCODE n<10:0> (literal) S = Fast bit BRA MYFUNC 15 8 7 0 OPCODE n<7:0> (literal) BC MYFUNC S |