công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F685-I/SS bảng dữ liệu(PDF) 125 Page - Microchip Technology

tên linh kiện PIC16F685-I/SS
Giải thích chi tiết về linh kiện  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685-I/SS bảng dữ liệu(HTML) 125 Page - Microchip Technology

Back Button PIC16F685-I/SS Datasheet HTML 121Page - Microchip Technology PIC16F685-I/SS Datasheet HTML 122Page - Microchip Technology PIC16F685-I/SS Datasheet HTML 123Page - Microchip Technology PIC16F685-I/SS Datasheet HTML 124Page - Microchip Technology PIC16F685-I/SS Datasheet HTML 125Page - Microchip Technology PIC16F685-I/SS Datasheet HTML 126Page - Microchip Technology PIC16F685-I/SS Datasheet HTML 127Page - Microchip Technology PIC16F685-I/SS Datasheet HTML 128Page - Microchip Technology PIC16F685-I/SS Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 123
PIC16F631/677/685/687/689/690
10.1.4
READING THE FLASH PROGRAM
MEMORY (PIC16F685/PIC16F689/
PIC16F690)
To read a program memory location, the user must
write the Least and Most Significant address bits to the
EEADR and EEADRH registers, set the EEPGD con-
trol bit of the EECON1 register, and then set control bit
RD. Once the read control bit is set, the program mem-
ory Flash controller will use the second instruction
cycle to read the data. This causes the second instruc-
tion immediately following the “BSF
EECON1,RD
”
instruction to be ignored. The data is available in the
very next cycle, in the EEDAT and EEDATH registers;
therefore, it can be read as two bytes in the following
instructions.
EEDAT and EEDATH registers will hold this value until
another read or until it is written to by the user.
EXAMPLE 10-3:
FLASH PROGRAM READ
Note 1: The two instructions following a program
memory read are required to be NOPs.
This prevents the user from executing a
two-cycle
instruction
on
the
next
instruction after the RD bit is set.
2: If the WR bit is set when EEPGD = 1, it
will be immediately reset to ‘0’ and no
operation will take place.
BANKSEL EEADR
;
MOVF
MS_PROG_EE_ADDR, W
;
MOVWF
EEADRH
;MS Byte of Program Address to read
MOVF
LS_PROG_EE_ADDR, W
;
MOVWF
EEADR
;LS Byte of Program Address to read
BANKSEL EECON1
;
BSF
EECON1, EEPGD
;Point to PROGRAM memory
BSF
EECON1, RD
;EE Read
;
NOP
;First instruction after BSF EECON1,RD executes normally
NOP
;Any instructions here are ignored as program
;memory is read in second cycle after BSF EECON1,RD
;
BANKSEL EEDAT
;
MOVF
EEDAT, W
;W = LS Byte of Program Memory
MOVWF
LOWPMBYTE
;
MOVF
EEDATH, W
;W = MS Byte of Program EEDAT
MOVWF
HIGHPMBYTE
;
BANKSEL 0x00
;Bank 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com