công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F883-E/P bảng dữ liệu(PDF) 323 Page - Microchip Technology

tên linh kiện PIC16F883-E/P
Giải thích chi tiết về linh kiện  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/P bảng dữ liệu(HTML) 323 Page - Microchip Technology

Back Button PIC16F883-E/P Datasheet HTML 319Page - Microchip Technology PIC16F883-E/P Datasheet HTML 320Page - Microchip Technology PIC16F883-E/P Datasheet HTML 321Page - Microchip Technology PIC16F883-E/P Datasheet HTML 322Page - Microchip Technology PIC16F883-E/P Datasheet HTML 323Page - Microchip Technology PIC16F883-E/P Datasheet HTML 324Page - Microchip Technology PIC16F883-E/P Datasheet HTML 325Page - Microchip Technology PIC16F883-E/P Datasheet HTML 326Page - Microchip Technology PIC16F883-E/P Datasheet HTML 327Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 328 page
background image
© 2009 Microchip Technology Inc.
DS41291F-page 321
PIC16F882/883/884/886/887
Bus Collision During a Stop Condition ...................... 207
Bus Collision for Transmit and Acknowledge............ 203
CLKOUT and I/O....................................................... 257
Clock Timing ............................................................. 255
Comparator Output ..................................................... 83
Enhanced Capture/Compare/PWM (ECCP) ............. 261
EUSART Synchronous Receive (Master/Slave) ....... 266
EUSART Synchronous Transmission
(Master/Slave) .................................................. 266
Fail-Safe Clock Monitor (FSCM) ................................. 72
Full-Bridge PWM Output ........................................... 137
Half-Bridge PWM Output .................................. 135, 144
I2C Bus Data ............................................................. 270
I2C Bus Start/Stop Bits.............................................. 269
I2C Master Mode First Start Bit Timing ..................... 196
I2C Master Mode Reception Timing .......................... 200
I2C Master Mode Transmission Timing..................... 199
I2C Module
Bus Collision
Transmit Timing ........................................ 203
INT Pin Interrupt........................................................ 222
Internal Oscillator Switch Timing................................. 68
Master Mode Transmit Clock Arbitration................... 202
PWM Auto-shutdown
Auto-restart Enabled ......................................... 143
Firmware Restart .............................................. 143
PWM Direction Change ............................................ 138
PWM Direction Change at Near 100% Duty Cycle ... 139
PWM Output (Active-High)........................................ 133
PWM Output (Active-Low) ........................................ 134
Repeat Start Condition.............................................. 197
Reset, WDT, OST and Power-up Timer ................... 258
Send Break Character Sequence ............................. 170
Slave Synchronization .............................................. 186
SPI Master Mode (CKE = 1, SMP = 1) ..................... 267
SPI Mode Timing (Master Mode) SPI Mode
Master Mode Timing Diagram .......................... 185
SPI Mode Timing (Slave Mode with CKE = 0) .......... 187
SPI Mode Timing (Slave Mode with CKE = 1) .......... 187
SPI Slave Mode (CKE = 0) ....................................... 268
SPI Slave Mode (CKE = 1) ....................................... 268
Stop Condition Receive or Transmit ......................... 202
Synchronous Reception (Master Mode, SREN) ....... 174
Synchronous Transmission....................................... 172
Synchronous Transmission (Through TXEN) ........... 172
Time-out Sequence
Case 1 .............................................................. 216
Case 2 .............................................................. 216
Case 3 .............................................................. 216
Timer0 and Timer1 External Clock ........................... 260
Timer1 Incrementing Edge.......................................... 78
Two Speed Start-up .................................................... 70
Wake-up from Interrupt ............................................. 227
Timing Parameter Symbology........................................... 254
Timing Requirements
I2C Bus Data ............................................................. 271
I2C Bus Start/Stop Bits ............................................. 270
SPI Mode .................................................................. 269
TRISA ................................................................................. 39
TRISA Register ................................................................... 39
TRISB ................................................................................. 47
TRISB Register ................................................................... 48
TRISC ................................................................................. 53
TRISC Register ................................................................... 53
TRISD ................................................................................. 57
TRISD Register................................................................... 57
TRISE ................................................................................. 59
TRISE Register................................................................... 59
Two-Speed Clock Start-up Mode........................................ 69
TXREG ............................................................................. 153
TXSTA Register................................................................ 160
BRGH Bit .................................................................. 163
U
Ultra Low-Power Wake-up................................ 16, 18, 40, 41
V
Voltage Reference (VR)
Specifications ........................................................... 262
Voltage Reference. See Comparator
Voltage Reference (CVREF)
Voltage References
Associated Registers.................................................. 97
VP6 Stabilization ........................................................ 94
VREF. SEE ADC Reference Voltage
W
Wake-up on Break ............................................................ 168
Wake-up Using Interrupts ................................................. 226
Watchdog Timer (WDT).................................................... 224
Associated Registers................................................ 225
Clock Source ............................................................ 224
Modes....................................................................... 224
Period ....................................................................... 224
Specifications ........................................................... 259
Waveform for Slave Mode General Call
Address Sequence ................................................... 192
WCOL ............................................................... 196, 198, 201
WCOL Status Flag............................................ 196, 198, 201
WDTCON Register ........................................................... 225
WPUB Register................................................................... 49
WWW Address ................................................................. 323
WWW, On-Line Support ..................................................... 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com