| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F887-E/ML bảng dữ liệu(PDF) 205 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F887-E/ML bảng dữ liệu(HTML) 205 Page - Microchip Technology |
|
205 / 328 page ![]() © 2009 Microchip Technology Inc. DS41291F-page 203 PIC16F882/883/884/886/887 13.4.15 MULTI-MASTER MODE In Multi-Master mode, the interrupt generation on the detection of the Start and Stop conditions allows the determination of when the bus is free. The Stop (P) and Start (S) bits are cleared from a Reset, or when the MSSP module is disabled. Control of the I2C bus may be taken when the P bit (SSPSTAT register) is set, or the bus is idle with both the S and P bits clear. When the bus is busy, enabling the SSP Interrupt will gener- ate the interrupt when the Stop condition occurs. In Multi-Master operation, the SDA line must be moni- tored for arbitration, to see if the signal level is the expected output level. This check is performed in hard- ware, with the result placed in the BCLIF bit. Arbitration can be lost in the following states: • Address transfer • Data transfer • A Start condition • A Repeated Start condition • An Acknowledge condition 13.4.16 MULTI -MASTER COMMUNICATION, BUS COLLISION, AND BUS ARBITRATION Multi-Master mode support is achieved by bus arbitra- tion. When the master outputs address/data bits onto the SDA pin, arbitration takes place when the master outputs a ‘1’ on SDA, by letting SDA float high and another master asserts a ‘0’. When the SCL pin floats high, data should be stable. If the expected data on SDA is a ‘1’ and the data sampled on the SDA pin = 0, then a bus collision has taken place. The master will set the Bus Collision Interrupt Flag (BCLIF) and reset the I2C port to its Idle state (Figure 13-20). If a transmit was in progress when the bus collision occurred, the transmission is halted, the BF bit is cleared, the SDA and SCL lines are de-asserted, and the SSPBUF can be written to. When the user services the bus collision interrupt service routine, and if the I2C bus is free, the user can resume communication by asserting a Start condition. If a Start, Repeated Start, Stop, or Acknowledge condition was in progress when the bus collision occurred, the condition is aborted, the SDA and SCL lines are de-asserted, and the respective control bits in the SSPCON2 register are cleared. When the user services the bus collision interrupt service routine, and if the I2C bus is free, the user can resume communication by asserting a Start condition. The master will continue to monitor the SDA and SCL pins. If a Stop condition occurs, the SSPIF bit will be set. A write to the SSPBUF will start the transmission of data at the first data bit, regardless of where the trans- mitter left off when the bus collision occurred. In Multi-Master mode, the interrupt generation on the detection of Start and Stop conditions allows the determination of when the bus is free. Control of the I2C bus can be taken when the P bit is set in the SSPSTAT register, or the bus is idle and the S and P bits are cleared. FIGURE 13-20: BUS COLLISION TIMING FOR TRANSMIT AND ACKNOWLEDGE SDA SCL BCLIF SDA released SDA line pulled low by another source Sample SDA, While SCL is high, data doesn’t Bus collision has occurred Set bus collision interrupt (BCLIF) match what is driven by the master, by master Data changes while SCL = 0 |