| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F685-I/P bảng dữ liệu(PDF) 209 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F685-I/P bảng dữ liệu(HTML) 209 Page - Microchip Technology |
|
209 / 306 page ![]() © 2008 Microchip Technology Inc. DS41262E-page 207 PIC16F631/677/685/687/689/690 TABLE 14-5: INITIALIZATION CONDITION FOR SPECIAL REGISTERS Condition Program Counter Status Register PCON Register Power-on Reset 000h 0001 1xxx --01 --0x MCLR Reset during normal operation 000h 000u uuuu --0u --uu MCLR Reset during Sleep 000h 0001 0uuu --0u --uu WDT Reset 000h 0000 uuuu --0u --uu WDT Wake-up PC + 1 uuu0 0uuu --uu --uu Brown-out Reset 000h 0001 1uuu --01 --u0 Interrupt Wake-up from Sleep PC + 1(1) uuu1 0uuu --uu --uu Legend: u = unchanged, x = unknown, — = unimplemented bit, reads as ‘0’. Note 1: When the wake-up is due to an interrupt and Global Interrupt Enable bit, GIE, is set, the PC is loaded with the interrupt vector (0004h) after execution of PC + 1. |