| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM357-RTB bảng dữ liệu(PDF) 227 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EM357-RTB bảng dữ liệu(HTML) 227 Page - List of Unclassifed Manufacturers |
|
227 / 240 page ![]() EM351 / EM357 21 Ordering Information Use the following part numbers to order the EM357: • EM357-RTR Reel contains 2000 units / reel • EM357-RTB Tube contains 70 units / tube Use the following part numbers to order the EM351: • EM351-RTR Reel contains 2000 units / reel • EM351-RTB Tube contains 70 units / tube The EM300 Series package is RoHS-compliant. It conforms to the European Court of Justice decision regarding the Deca-BDE exemption of the RoHS Directive. It is PFOS-compliant in accordance with European Directive 2006/122/EC*1 released in December 2006. The EM357-RTR and EM351-RTR reel conforms to EIA Specification 481. To order parts, contact Ember at +1-617-951-0200, or send your inquiry by email to sales@ember.com. Details about our international distributors can be found on our Web site: www.ember.com. Table 21-1 describes the general tape and reel dimensions. Table 21-1. Tape and Reel Dimensions Package Tape Width Component Pitch Hole Pitch Reel Diameter Units per Reel QFN48 16mm 12mm 4mm 13” 2000 Figure 21-1describes the tape, pocket, and sprocket dimensions in more detail. 21-1 120-035X-000D Preliminary |