công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM357-RTB bảng dữ liệu(PDF) 206 Page - List of Unclassifed Manufacturers

tên linh kiện EM357-RTB
Giải thích chi tiết về linh kiện  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB bảng dữ liệu(HTML) 206 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 202Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 203Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 204Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 205Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 206Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 207Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 208Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 209Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 210Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 240 page
background image
EM351 / EM357
11-7
120-035X-000D
Preliminary
11.5
Registers
INT_CFGSET
Top-Level Set Interrupts Configuration Register
Address: 0xE000E100 Reset: 0x0
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
0
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
INT_DEBUG
15
14
13
12
11
10
9
8
INT_IRQD
INT_IRQC
INT_IRQB
INT_IRQA
INT_ADC
INT_MACRX
INT_MACTX
INT_MACTMR
7
6
5
4
3
2
1
0
INT_SEC
INT_SC2
INT_SC1
INT_SLEEPTMR
INT_BB
INT_MGMT
INT_TIM2
INT_TIM1
Bitname
Bitfield
Access
Description
INT_DEBUG
[16]
RW
Write 1 to enable debug interrupt. (Writing 0 has no effect.)
INT_IRQD
[15]
RW
Write 1 to enable IRQD interrupt. (Writing 0 has no effect.)
INT_IRQC
[14]
RW
Write 1 to enable IRQC interrupt. (Writing 0 has no effect.)
INT_IRQB
[13]
RW
Write 1 to enable IRQB interrupt. (Writing 0 has no effect.)
INT_IRQA
[12]
RW
Write 1 to enable IRQA interrupt. (Writing 0 has no effect.)
INT_ADC
[11]
RW
Write 1 to enable ADC interrupt. (Writing 0 has no effect.)
INT_MACRX
[10]
RW
Write 1 to enable MAC receive interrupt. (Writing 0 has no effect.)
INT_MACTX
[9]
RW
Write 1 to enable MAC transmit interrupt. (Writing 0 has no effect.)
INT_MACTMR
[8]
RW
Write 1 to enable MAC timer interrupt. (Writing 0 has no effect.)
INT_SEC
[7]
RW
Write 1 to enable security interrupt. (Writing 0 has no effect.)
INT_SC2
[6]
RW
Write 1 to enable serial controller 2 interrupt. (Writing 0 has no effect.)
INT_SC1
[5]
RW
Write 1 to enable serial controller 1 interrupt. (Writing 0 has no effect.)
INT_SLEEPTMR
[4]
RW
Write 1 to enable sleep timer interrupt. (Writing 0 has no effect.)
INT_BB
[3]
RW
Write 1 to enable baseband interrupt. (Writing 0 has no effect.)
INT_MGMT
[2]
RW
Write 1 to enable management interrupt. (Writing 0 has no effect.)
INT_TIM2
[1]
RW
Write 1 to enable timer 2 interrupt. (Writing 0 has no effect.)
INT_TIM1
[0]
RW
Write 1 to enable timer 1 interrupt. (Writing 0 has no effect.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More