công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM357-RTB bảng dữ liệu(PDF) 191 Page - List of Unclassifed Manufacturers

tên linh kiện EM357-RTB
Giải thích chi tiết về linh kiện  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB bảng dữ liệu(HTML) 191 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 187Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 188Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 189Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 190Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 191Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 192Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 193Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 194Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 195Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 240 page
background image
EM351 / EM357
ADC_GAIN
ADC Gain Register
Address: 0x4000D00C Reset: 0x8000
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
0
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
ADC_GAIN_FIELD
7
6
5
4
3
2
1
0
ADC_GAIN_FIELD
Bitname
Bitfield
Access
Description
ADC_GAIN_FIELD
[15:0]
RW
Gain factor that is multiplied by the offset-corrected ADC result to produce the output
value. The gain is a 16-bit unsigned scaled integer value with a binary decimal point
between bits 15 and 14. It can represent values from 0 to (almost) 2. The reset value is a
gain factor of 1.
10-16
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More