công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1824-E/P bảng dữ liệu(PDF) 183 Page - Microchip Technology

tên linh kiện PIC16F1824-E/P
Giải thích chi tiết về linh kiện  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1824-E/P bảng dữ liệu(HTML) 183 Page - Microchip Technology

Back Button PIC16F1824-E/P Datasheet HTML 179Page - Microchip Technology PIC16F1824-E/P Datasheet HTML 180Page - Microchip Technology PIC16F1824-E/P Datasheet HTML 181Page - Microchip Technology PIC16F1824-E/P Datasheet HTML 182Page - Microchip Technology PIC16F1824-E/P Datasheet HTML 183Page - Microchip Technology PIC16F1824-E/P Datasheet HTML 184Page - Microchip Technology PIC16F1824-E/P Datasheet HTML 185Page - Microchip Technology PIC16F1824-E/P Datasheet HTML 186Page - Microchip Technology PIC16F1824-E/P Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 420 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41419A-page 183
PIC16F/LF1824/1828
19.0 TIMER0 MODULE
The Timer0 module is an 8-bit timer/counter with the
following features:
• 8-bit timer/counter register (TMR0)
• 8-bit prescaler (independent of Watchdog Timer)
• Programmable internal or external clock source
• Programmable external clock edge selection
• Interrupt on overflow
• TMR0 can be used to gate Timer1
Figure 19-1 is a block diagram of the Timer0 module.
19.1
Timer0 Operation
The Timer0 module can be used as either an 8-bit timer
or an 8-bit counter.
19.1.1
8-BIT TIMER MODE
The Timer0 module will increment every instruction
cycle, if used without a prescaler. 8-Bit Timer mode is
selected by clearing the TMR0CS bit of the OPTION
register.
When TMR0 is written, the increment is inhibited for
two instruction cycles immediately following the write.
19.1.2
8-BIT COUNTER MODE
In 8-Bit Counter mode, the Timer0 module will increment
on every rising or falling edge of the T0CKI pin or the
Capacitive Sensing Oscillator (CPSCLK) signal.
8-Bit Counter mode using the T0CKI pin is selected by
setting the TMR0CS bit in the OPTION register to ‘1’
and resetting the T0XCS bit in the CPSCON0 register to
‘0’.
8-Bit Counter mode using the Capacitive Sensing
Oscillator (CPSCLK) signal is selected by setting the
TMR0CS bit in the OPTION register to ‘1’ and setting
the T0XCS bit in the CPSCON0 register to ‘1’.
The rising or falling transition of the incrementing edge
for either input source is determined by the TMR0SE bit
in the OPTION register.
FIGURE 19-1:
BLOCK DIAGRAM OF THE TIMER0
Note:
The value written to the TMR0 register can
be adjusted, in order to account for the two
instruction cycle delay when TMR0 is
written.
T0CKI
TMR0SE
TMR0
PS<2:0>
Data Bus
Set Flag bit TMR0IF
on Overflow
TMR0CS
0
1
0
1
8
8
8-bit
Prescaler
FOSC/4
PSA
Sync
2 TCY
Overflow to Timer1
1
0
From CPSCLK
T0XCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com