| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F1824-E/ML bảng dữ liệu(PDF) 114 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1824-E/ML bảng dữ liệu(HTML) 114 Page - Microchip Technology |
|
114 / 420 page ![]() PIC16F/LF1824/1828 DS41419A-page 114 Preliminary 2010 Microchip Technology Inc. EXAMPLE 11-4: ERASING ONE ROW OF PROGRAM MEMORY ; This row erase routine assumes the following: ; 1. A valid address within the erase block is loaded in ADDRH:ADDRL ; 2. ADDRH and ADDRL are located in shared data memory 0x70 - 0x7F BCF INTCON,GIE ; Disable ints so required sequences will execute properly BANKSEL EEADRL MOVF ADDRL,W ; Load lower 8 bits of erase address boundary MOVWF EEADRL MOVF ADDRH,W ; Load upper 6 bits of erase address boundary MOVWF EEADRH BSF EECON1,EEPGD ; Point to program memory BCF EECON1,CFGS ; Not configuration space BSF EECON1,FREE ; Specify an erase operation BSF EECON1,WREN ; Enable writes MOVLW 55h ; Start of required sequence to initiate erase MOVWF EECON2 ; Write 55h MOVLW 0AAh ; MOVWF EECON2 ; Write AAh BSF EECON1,WR ; Set WR bit to begin erase NOP ; Any instructions here are ignored as processor ; halts to begin erase sequence NOP ; Processor will stop here and wait for erase complete. ; after erase processor continues with 3rd instruction BCF EECON1,WREN ; Disable writes BSF INTCON,GIE ; Enable interrupts |