công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1824-E/ML bảng dữ liệu(PDF) 284 Page - Microchip Technology

tên linh kiện PIC16F1824-E/ML
Giải thích chi tiết về linh kiện  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1824-E/ML bảng dữ liệu(HTML) 284 Page - Microchip Technology

Back Button PIC16F1824-E/ML Datasheet HTML 280Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 281Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 282Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 283Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 284Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 285Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 286Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 287Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 288Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 420 page
background image
PIC16F/LF1824/1828
DS41419A-page 284
Preliminary
 2010 Microchip Technology Inc.
24.6.13.1
Bus Collision During a Start
Condition
During a Start condition, a bus collision occurs if:
a)
SDA or SCL are sampled low at the beginning of
the Start condition (Figure 24-32).
b)
SCL is sampled low before SDA is asserted low
(Figure 24-33).
During a Start condition, both the SDA and the SCL
pins are monitored.
If the SDA pin is already low, or the SCL pin is already
low, then all of the following occur:
• the Start condition is aborted,
• the BCL1IF flag is set and
• the MSSP1 module is reset to its Idle state
(Figure 24-32).
The Start condition begins with the SDA and SCL pins
deasserted. When the SDA pin is sampled high, the
Baud Rate Generator is loaded and counts down. If the
SCL pin is sampled low while SDA is high, a bus colli-
sion occurs because it is assumed that another master
is attempting to drive a data ‘1’ during the Start
condition.
If the SDA pin is sampled low during this count, the
BRG is reset and the SDA line is asserted early
(Figure 24-34). If, however, a ‘1’ is sampled on the SDA
pin, the SDA pin is asserted low at the end of the BRG
count. The Baud Rate Generator is then reloaded and
counts down to zero; if the SCL pin is sampled as ‘0’
during this time, a bus collision does not occur. At the
end of the BRG count, the SCL pin is asserted low.
FIGURE 24-33:
BUS COLLISION DURING START CONDITION (SDA ONLY)
Note:
The reason that bus collision is not a factor
during a Start condition is that no two bus
masters can assert a Start condition at the
exact same time. Therefore, one master
will always assert SDA before the other.
This condition does not cause a bus colli-
sion because the two masters must be
allowed to arbitrate the first address fol-
lowing the Start condition. If the address is
the same, arbitration must be allowed to
continue into the data portion, Repeated
Start or Stop conditions.
SDA
SCL
SEN
SDA sampled low before
SDA goes low before the SEN bit is set.
S bit and SSP1IF set because
SSP1 module reset into Idle state.
SEN cleared automatically because of bus collision.
S bit and SSP1IF set because
Set SEN, enable Start
condition if SDA = 1, SCL = 1
SDA = 0, SCL = 1.
BCL1IF
S
SSP1IF
SDA = 0, SCL = 1.
SSP1IF and BCL1IF are
cleared by software
SSP1IF and BCL1IF are
cleared by software
Set BCL1IF,
Start condition. Set BCL1IF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More