| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F1824-E/ML bảng dữ liệu(PDF) 271 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1824-E/ML bảng dữ liệu(HTML) 271 Page - Microchip Technology |
|
271 / 420 page ![]() 2010 Microchip Technology Inc. Preliminary DS41419A-page 271 PIC16F/LF1824/1828 24.5.6 CLOCK STRETCHING Clock stretching occurs when a device on the bus holds the SCL line low effectively pausing communica- tion. The slave may stretch the clock to allow more time to handle data or prepare a response for the mas- ter device. A master device is not concerned with stretching as anytime it is active on the bus and not transferring data it is stretching. Any stretching done by a slave is invisible to the master software and han- dled by the hardware that generates SCL. The CKP bit of the SSP1CON1 register is used to con- trol stretching in software. Any time the CKP bit is cleared, the module will wait for the SCL line to go low and then hold it. Setting CKP will release SCL and allow more communication. 24.5.6.1 Normal Clock Stretching Following an ACK if the R/W bit of SSP1STAT is set, a read request, the slave hardware will clear CKP. This allows the slave time to update SSP1BUF with data to transfer to the master. If the SEN bit of SSP1CON2 is set, the slave hardware will always stretch the clock after the ACK sequence. Once the slave is ready; CKP is set by software and communication resumes. 24.5.6.2 10-bit Addressing Mode In 10-bit Addressing mode, when the UA bit is set, the clock is always stretched. This is the only time the SCL is stretched without CKP being cleared. SCL is released immediately after a write to SSP1ADD. 24.5.6.3 Byte NACKing When AHEN bit of SSP1CON3 is set; CKP is cleared by hardware after the 8th falling edge of SCL for a received matching address byte. When DHEN bit of SSP1CON3 is set; CKP is cleared after the 8th falling edge of SCL for received data. Stretching after the 8th falling edge of SCL allows the slave to look at the received address or data and decide if it wants to ACK the received data. 24.5.7 CLOCK SYNCHRONIZATION AND THE CKP BIT Any time the CKP bit is cleared, the module will wait for the SCL line to go low and then hold it. However, clearing the CKP bit will not assert the SCL output low until the SCL output is already sampled low. There- fore, the CKP bit will not assert the SCL line until an external I2C master device has already asserted the SCL line. The SCL output will remain low until the CKP bit is set and all other devices on the I2C bus have released SCL. This ensures that a write to the CKP bit will not violate the minimum high time requirement for SCL (see Figure 24-22). FIGURE 24-23: CLOCK SYNCHRONIZATION TIMING Note 1: The BF bit has no effect on if the clock will be stretched or not. This is different than previous versions of the module that would not stretch the clock, clear CKP, if SSP1BUF was read before the 9th falling edge of SCL. 2: Previous versions of the module did not stretch the clock for a transmission if SSP1BUF was loaded before the 9th fall- ing edge of SCL. It is now always cleared for read requests. Note: Previous versions of the module did not stretch the clock if the second address byte did not match. SDA SCL DX ‚ – 1 DX WR Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 SSP1CON1 CKP Master device releases clock Master device asserts clock |