công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F707T-E/ML bảng dữ liệu(PDF) 175 Page - Microchip Technology

tên linh kiện PIC16F707T-E/ML
Giải thích chi tiết về linh kiện  40/44-Pin, Flash Microcontrollers with nanoWatt XLP and mTouch??Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F707T-E/ML bảng dữ liệu(HTML) 175 Page - Microchip Technology

Back Button PIC16F707T-E/ML Datasheet HTML 171Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 172Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 173Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 174Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 175Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 176Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 177Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 178Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 284 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41418A-page 175
PIC16F707/PIC16LF707
19.2.10
CLOCK SYNCHRONIZATION
When the CKP bit is cleared, the SCL output is held
low once it is sampled low. Therefore, the CKP bit will
not stretch the SCL line until an external I2C master
device has already asserted the SCL line low. The
SCL output will remain low until the CKP bit is set and
all other devices on the I2C bus have released SCL.
This ensures that a write to the CKP bit will not violate
the minimum high time requirement for SCL
(Figure 19-14).
19.2.11
SLEEP OPERATION
While in Sleep mode, the I2C module can receive
addresses of data, and when an address match or
complete byte transfer occurs, wake the processor
from Sleep (if SSP interrupt is enabled).
FIGURE 19-14:
CLOCK SYNCHRONIZATION TIMING
SDA
SCL
DX-1
DX
WR
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
SSPCON
CKP
Master device
deasserts clock
Master device
asserts clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com