| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12F1822-E/ST bảng dữ liệu(PDF) 161 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F1822-E/ST bảng dữ liệu(HTML) 161 Page - Microchip Technology |
|
161 / 398 page ![]() 2010 Microchip Technology Inc. Preliminary DS41413A-page 161 PIC12F/LF1822/16F/LF1823 FIGURE 18-3: COMPARATOR 1 AND 2 MODULES SIMPLIFIED BLOCK DIAGRAM (PIC16F/LF1823) Note 1: When CxON = 0, the Comparator will produce a ‘0’ at the output. 2: When CxON = 0, all multiplexer inputs are disconnected. 3: Output of comparator can be frozen during debugging. MUX Cx(3) 0 1 2 3 CxON(1) CxNCH<1:0> 2 0 1 CXPCH<1:0> C12IN1- C12IN2- C12IN3- CXIN+ MUX - + CxVN CxVP CXOUT To ECCP PWM Logic Q1 D EN Q CXPOL MCXOUT Set CxIF 0 1 CXSYNC CXOE CXOUT DQ SYNCCXOUT DAC FVR Buffer2 C12IN0- 2 CxSP CxHYS det Interrupt det Interrupt CxINTN CxINTP To Data Bus 2 3 VSS TRIS bit CxON (2) (2) (from Timer1) T1CLK To Timer1 or SR Latch |