công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC12F1822-E/ST bảng dữ liệu(PDF) 226 Page - Microchip Technology

tên linh kiện PIC12F1822-E/ST
Giải thích chi tiết về linh kiện  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-E/ST bảng dữ liệu(HTML) 226 Page - Microchip Technology

Back Button PIC12F1822-E/ST Datasheet HTML 222Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 223Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 224Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 225Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 226Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 227Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 228Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 229Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 230Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 398 page
background image
PIC12F/LF1822/16F/LF1823
DS41413A-page 226
Preliminary
 2010 Microchip Technology Inc.
The I2C interface supports the following modes and
features:
•Master mode
• Slave mode
• Byte NACKing (Slave mode)
• Limited Multi-master support
• 7-bit and 10-bit addressing
• Start and Stop interrupts
• Interrupt masking
• Clock stretching
• Bus collision detection
• General call address matching
•Address masking
• Address Hold and Data Hold modes
• Selectable SDA hold times
Figure 24-2 is a block diagram of the I2C interface mod-
ule in Master mode. Figure 24-3 is a diagram of the I2C
interface module in Slave mode.
FIGURE 24-2:
MSSP1 BLOCK DIAGRAM (I2C™ MASTER MODE)
Read
Write
SSP1SR
Start bit, Stop bit,
Start bit detect,
SSP1BUF
Internal
data bus
Set/Reset: S, P, SSP1STAT, WCOL, SSP1OV
Shift
Clock
MSb
LSb
SDA
Acknowledge
Generate (SSP1CON2)
Stop bit detect
Write collision detect
Clock arbitration
State counter for
end of XMIT/RCV
SCL
SCL in
Bus Collision
SDA in
[SSP1M 3:0]
Baud rate
Reset SEN, PEN (SSP1CON2)
generator
(SSP1ADD)
Address Match detect
Set SSP1IF, BCL1IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com