| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC9S08SH4MPJR bảng dữ liệu(PDF) 108 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC9S08SH4MPJR bảng dữ liệu(HTML) 108 Page - Freescale Semiconductor, Inc |
|
108 / 338 page ![]() Chapter 7 Central Processor Unit (S08CPUV2) MC9S08SH8 MCU Series Data Sheet, Rev. 3 108 Freescale Semiconductor RSP Reset Stack Pointer (Low Byte) SPL ← $FF (High Byte Not Affected) INH 9C 1 p –11– –––– RTI Return from Interrupt SP ← (SP) + $0001; Pull (CCR) SP ← (SP) + $0001; Pull (A) SP ← (SP) + $0001; Pull (X) SP ← (SP) + $0001; Pull (PCH) SP ← (SP) + $0001; Pull (PCL) INH 80 9 uuuuufppp ↕ 11 ↕ ↕ ↕ ↕ ↕ RTS Return from Subroutine SP ← SP + $0001; Pull (PCH) SP ← SP + $0001; Pull (PCL) INH 81 5 ufppp –11– –––– SBC #opr8i SBC opr8a SBC opr16a SBC oprx16,X SBC oprx8,X SBC ,X SBC oprx16,SP SBC oprx8,SP Subtract with Carry A ← (A) – (M) – (C) IMM DIR EXT IX2 IX1 IX SP2 SP1 A2 B2 C2 D2 E2 F2 9E D2 9E E2 ii dd hh ll ee ff ff ee ff ff 2 3 4 4 3 3 5 4 pp rpp prpp prpp rpp rfp pprpp prpp ↕ 11 – – ↕ ↕ ↕ SEC Set Carry Bit (C ← 1) INH 99 1 p –11– –––1 SEI Set Interrupt Mask Bit (I ← 1) INH 9B 1 p –11– 1––– STA opr8a STA opr16a STA oprx16,X STA oprx8,X STA ,X STA oprx16,SP STA oprx8,SP Store Accumulator in Memory M ← (A) DIR EXT IX2 IX1 IX SP2 SP1 B7 C7 D7 E7 F7 9E D7 9E E7 dd hh ll ee ff ff ee ff ff 3 4 4 3 2 5 4 wpp pwpp pwpp wpp wp ppwpp pwpp 011– – ↕ ↕ – STHX opr8a STHX opr16a STHX oprx8,SP Store H:X (Index Reg.) (M:M + $0001) ← (H:X) DIR EXT SP1 35 96 9E FF dd hh ll ff 4 5 5 wwpp pwwpp pwwpp 011– – ↕ ↕ – STOP Enable Interrupts: Stop Processing Refer to MCU Documentation I bit ← 0; Stop Processing INH 8E 2 fp... –11– 0––– STX opr8a STX opr16a STX oprx16,X STX oprx8,X STX ,X STX oprx16,SP STX oprx8,SP Store X (Low 8 Bits of Index Register) in Memory M ← (X) DIR EXT IX2 IX1 IX SP2 SP1 BF CF DF EF FF 9E DF 9E EF dd hh ll ee ff ff ee ff ff 3 4 4 3 2 5 4 wpp pwpp pwpp wpp wp ppwpp pwpp 011– – ↕ ↕ – Table 7-2. Instruction Set Summary (Sheet 7 of 9) Source Form Operation Object Code Cyc-by-Cyc Details Affect on CCR V 1 1 H I N Z C |