công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM8S105C4B3 bảng dữ liệu(PDF) 119 Page - STMicroelectronics

tên linh kiện STM8S105C4B3
Giải thích chi tiết về linh kiện  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3 bảng dữ liệu(HTML) 119 Page - STMicroelectronics

Back Button STM8S105C4B3 Datasheet HTML 115Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 116Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 117Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 118Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 119Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 120Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 121Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 122Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 127 page
background image
[ ] 0: Reset
UBC, bit0
[ ] 1: Set
[ ] 0: Reset
UBC bit1
[ ] 1: Set
[ ] 0: Reset
UBC bit2
[ ] 1: Set
[ ] 0: Reset
UBC bit3
[ ] 1: Set
[ ] 0: Reset
UBC bit4
[ ] 1: Set
[ ] 0: Reset
UBC bit5
[ ] 1: Set
[ ] 0: Reset
UBC bit6
[ ] 1: Set
[ ] 0: Reset
UBC bit7
[ ] 1: Set
OPT2 alternate function remapping
[ ] 0: Remapping option inactive. Default alternate functions used.
Refer to pinout description.
AFR0
(check only one option)
[ ] 1: Port D3 alternate function = ADC_ETR
[ ] 0: Remapping option inactive. Default alternate functions used.
Refer to pinout description.
AFR1
(check only one option)
[ ] 1: Port A3 alternate function = TIM3_CH1, port D2 alternate
function = TIM2_CH3.
[ ] 0: Remapping option inactive. Default alternate functions used.
Refer to pinout description.
AFR2
(check only one option)
[ ] 1: Port D0 alternate function = CLK_CCO.
Note: If both AFR2 and AFR3 are activated, AFR2 option
has priority over AFR3.
[ ] 0: Remapping option inactive. Default alternate functions used.
Refer to pinout description.
AFR3
(check only one option)
119/127
DocID14771 Rev 9
Ordering information
STM8S105xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More